Electronic Components Datasheet Search
  English  ▼

X  

TLV62080 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV62080
Description  TLV6208x 1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm × 2-mm WSON Package
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV62080 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV62080 Datasheet HTML 6Page - Texas Instruments TLV62080 Datasheet HTML 7Page - Texas Instruments TLV62080 Datasheet HTML 8Page - Texas Instruments TLV62080 Datasheet HTML 9Page - Texas Instruments TLV62080 Datasheet HTML 10Page - Texas Instruments TLV62080 Datasheet HTML 11Page - Texas Instruments TLV62080 Datasheet HTML 12Page - Texas Instruments TLV62080 Datasheet HTML 13Page - Texas Instruments TLV62080 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
IN,MIN
OUT
OUT,MAX
DS(on)
L
V
V
I
(R
+ R )
=
+
´
10
TLV62080, TLV62084, TLV62084A
SLVSAK9H – OCTOBER 2011 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: TLV62080 TLV62084 TLV62084A
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
Feature Description (continued)
space
With:
•
VIN,MIN = Minimum input voltage
•
IOUT,MAX = Maximum output current
•
RDS(on) = High-side FET on-resistance
•
RL = Inductor ohmic resistance
(1)
space
8.3.2 Enabling and Disabling the Device
The device is enabled by setting the EN input to a logic HIGH. Accordingly, a logic LOW disables the device. If
the device is enabled, the internal power stage starts switching and regulates the output voltage to the
programmed threshold. The EN input must be terminated and not left floating.
8.3.3 Output Discharge
The output gets discharged through the SW terminal with a typical discharge resistor of RDIS whenever the
device shuts down (by disable, thermal shutdown or UVLO).
8.3.4 Soft Start
When EN is set to start device operation, the device starts switching after a delay of about 40 μs and VOUT rises
with a slope of about 10mV/μs (See Figure 16 and Figure 17 for typical startup operation). Soft start avoids
excessive inrush current and creates a smooth output voltage rise slope. Soft start also prevents excessive
voltage drops of primary cells and rechargeable batteries with high internal impedance.
If the output voltage is not reached within the soft start time, such as in the case of heavy load, the converter
enters standard operation. Consequently, the inductor current limit operates as described in Inductor Current-
Limit. The TLV62080 and TLV62084x devices are able to start into a pre-biased output capacitor. The converter
starts with the applied bias voltage and ramps the output voltage to the nominal value.
8.3.5 Power Good
The TLV62080 and TLV62084x devices have a power-good output going low when the output voltage is below
the nominal value. The power good maintains high impedance once the output is above 95% of the regulated
voltage, and is driven to low once the output voltage falls below typically 90% of the regulated voltage. The PG
terminal is an open drain output and is specified to sink typically up to 0.5 mA. The power good output requires a
pull-up resistor which is recommended connecting to the device output. When the device is off because of
disable, UVLO, or thermal shutdown, the PG terminal is at high impedance. TLV62084A features PG=Low in
these cases. Table 2 and Table 3 show the different PG operation for the TLV6208x and TLV62084A. The PG
output can be left floating if unused.
space
Table 2. Power Good Pin Logic Table (TLV62080/84)
Device Information
PG Logic Status
High Z
Low
Enable (EN=High)
VFB ≥ VPG
√
VFB ≤ VPG
√
Shutdown (EN=Low)
√
UVLO
0.7V < VIN < VUVLO
√
Thermal Shutdown
TJ > TJSD
√
Power Supply Removal
VIN < 0.7V
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com