Electronic Components Datasheet Search
  English  ▼

X  

TLV62080 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV62080
Description  TLV6208x 1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm × 2-mm WSON Package
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV62080 Datasheet(HTML) 5 Page - Texas Instruments

  TLV62080 Datasheet HTML 1Page - Texas Instruments TLV62080 Datasheet HTML 2Page - Texas Instruments TLV62080 Datasheet HTML 3Page - Texas Instruments TLV62080 Datasheet HTML 4Page - Texas Instruments TLV62080 Datasheet HTML 5Page - Texas Instruments TLV62080 Datasheet HTML 6Page - Texas Instruments TLV62080 Datasheet HTML 7Page - Texas Instruments TLV62080 Datasheet HTML 8Page - Texas Instruments TLV62080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
TLV62080, TLV62084, TLV62084A
www.ti.com
SLVSAK9H – OCTOBER 2011 – REVISED JANUARY 2017
Product Folder Links: TLV62080 TLV62084 TLV62084A
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
While switching.
7 Specifications
7.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Voltage range(2)
VIN, PG, VOS
– 0.3
7
V
SW
– 0.3
VIN + 0.3
V
SW (AC, less than 10 ns)(3)
– 3.0
10
V
FB
– 0.3
3.6
V
EN
– 0.3
VIN + 0.3
V
Power Good Sink Current
PG
1
mA
Operating junction temperature range, TJ
– 40
150
°C
Storage temperature range, Tstg
– 65
150
°C
(1)
Level listed above is the passing level per ANSI/ESDA/JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows safe
manufacturing with a standard ESD control process.
(2)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM) ESD stress voltage(1)
±2000
V
Charged device model (CDM) ESD stress voltage(2)
±500
V
(1)
Refer to the Application Information section for further information.
7.3 Recommended Operating Conditions
(1)
MIN
TYP
MAX
UNIT
VIN
Input voltage range, TLV62080
2.5
6
V
VIN
Input voltage range, TLV62084, TLV62084A
2.7
6
V
TJ
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TLV6208x
DSG
(8 PINS)
UNITS
θJA
Junction-to-ambient thermal resistance
59.7
°C/W
θJCtop
Junction-to-case (top) thermal resistance
70.1
°C/W
θJB
Junction-to-board thermal resistance
30.9
°C/W
ψJT
Junction-to-top characterization parameter
1.4
°C/W
ψJB
Junction-to-board characterization parameter
31.5
°C/W
θJCbot
Junction-to-case (bottom) thermal resistance
8.6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com