Electronic Components Datasheet Search
  English  ▼

X  

TLV7021 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV7021
Description  TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7021 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV7021 Datasheet HTML 12Page - Texas Instruments TLV7021 Datasheet HTML 13Page - Texas Instruments TLV7021 Datasheet HTML 14Page - Texas Instruments TLV7021 Datasheet HTML 15Page - Texas Instruments TLV7021 Datasheet HTML 16Page - Texas Instruments TLV7021 Datasheet HTML 17Page - Texas Instruments TLV7021 Datasheet HTML 18Page - Texas Instruments TLV7021 Datasheet HTML 19Page - Texas Instruments TLV7021 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
V
+ V
(V
-
TH
OS
HYST
)
/ 2
V
+ V
TH
OS
V
+ V
+
TH
OS
(V
HYST
)
/ 2
16
TLV7011, TLV7021, TLV7012, TLV7022
SLVSDM5F – SEPTEMBER 2017 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TLV7011 TLV7021 TLV7012 TLV7022
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Device Functional Modes (continued)
While TI recommends operating the TLV701x and TLV702x within the specified common-mode range, the inputs
are fault tolerant to voltages up to 5.5 V independent of the applied VCC value. Fault tolerant is defined as
maintaining the same high input impedance when VCC is unpowered or within the recommended operating range.
Because the inputs of the TLV701x and TLV702x are fault tolerant, the inputs to the comparator can be any
value between 0 V and 5.5 V while VCC is ramping up. This feature allows any supply and input driven sequence
as long as the input value and supply are within the specified ranges. In this case, no current limiting resistor is
required. This is possible since the VCC is isolated from the inputs such that it maintains its value even when a
higher voltage is applied to the input.
The input bias current is typically 1 pA for input voltages between VCC and VEE. The comparator inputs are
protected from undervoltage by internal diodes connected to VEE. As the input voltage goes under VEE, the
protection diodes become forward biased and begin to conduct causing the input bias current to increase
exponentially. Input bias current typically doubles for 10°C temperature increases.
7.4.2 Internal Hysteresis
The device hysteresis transfer curve is shown in Figure 32. This curve is a function of three components: VTH,
VOS, and VHYST:
•
VTH is the actual set voltage or threshold trip voltage.
•
VOS is the internal offset voltage between VIN+ and VIN–. This voltage is added to VTH to form the actual trip
point at which the comparator must respond to change output states.
•
VHYST is the internal hysteresis (or trip window) that is designed to reduce comparator sensitivity to noise
(4.2 mV for the TLV7011).
Figure 32. Hysteresis Transfer Curve
7.4.3 Output
The TLV701x feature a push-pull output stage eliminating the need for an external pull-up resistor. On the other
hand, the TLV702x feature an open-drain output stage enabling the output logic levels to be pulled up to an
external source independent of the supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com