Electronic Components Datasheet Search
  English  ▼

X  

TLV7021 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV7021
Description  TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7021 Datasheet(HTML) 1 Page - Texas Instruments

  TLV7021 Datasheet HTML 1Page - Texas Instruments TLV7021 Datasheet HTML 2Page - Texas Instruments TLV7021 Datasheet HTML 3Page - Texas Instruments TLV7021 Datasheet HTML 4Page - Texas Instruments TLV7021 Datasheet HTML 5Page - Texas Instruments TLV7021 Datasheet HTML 6Page - Texas Instruments TLV7021 Datasheet HTML 7Page - Texas Instruments TLV7021 Datasheet HTML 8Page - Texas Instruments TLV7021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
US dime (18x18x1.35 mm3)
5-Pin X2SON
5-Lead SC70
Input Overdrive (mV)
10
20
30
40
50
60
70
80
90
100
0.2
0.25
0.3
0.35
0.4
TLV7
Rising Edge
Falling Edge
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV7011, TLV7021, TLV7012, TLV7022
SLVSDM5F – SEPTEMBER 2017 – REVISED MARCH 2020
TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
1
1 Features
1
•
Ultra-small packages: X2SON (0.8 × 0.8 mm2) ,
WSON (2 × 2 mm2)
•
Standard packages: SOT23, SC70, VSSOP
•
Wide supply voltage range of 1.6 V to 6.5 V
•
Quiescent supply current of 5 µA
•
Low propagation delay of 260 ns
•
Rail-to-rail common-mode input voltage
•
Internal hysteresis
•
Push-pull and open-drain output options
•
No phase reversal for over driven inputs
•
–40°C to 125°C Operating ambient temperature
2 Applications
•
Mobile phones and tablets
•
Portable and battery-powered devices
•
IR receivers
•
Level translators
•
Threshold detectors and discriminators
•
Window comparators
•
Zero-crossing detectors
3 Description
The
TLV7011/7021
(single-channel)
and
TLV7012/7022
(dual-channel)
are
micro-power
comparators that feature low-voltage operation with
rail-to-rail input capability. These comparators are
available
in
an
ultra-small,
leadless
package
measuring 0.8 mm × 0.8 mm and standard leaded
packages, making them applicable for space-critical
designs like smartphones and other portable or
battery-powered applications.
The TLV701x and TLV702x offer an excellent speed-
to-power combination with a propagation delay of 260
ns and a quiescent supply current of 5 μA. This
combination of fast response time at micropower
enables power conscious systems to monitor and
respond quickly to fault conditions. With an operating
voltage range of 1.6 V to 6.5 V, these comparators
are compatible with 3-V and 5-V systems.
These comparators also feature no output phase
inversion
with
overdriven
inputs
and
internal
hysteresis. These features make this family of
comparators
well
suited
for
precision
voltage
monitoring in harsh, noisy environments where slow-
moving input signals must be converted into clean
digital outputs.
The TLV701x have push-pull output stages capable
of sinking and sourcing milliamps of current when
controlling an LED or driving a capacitive load. The
TLV702x have open-drain output stages that can be
pulled beyond VCC, making it appropriate for level
translators and bipolar to single-ended converters.
Device Information(1)
PART NUMBERS
PACKAGE (PINS)
BODY SIZE (NOM)
TLV7011,
TLV7021
X2SON (5)
0.80 mm × 0.80 mm
SC70 (5)
2.00 mm × 1.25 mm
SOT-23 (5)
2.90 mm × 1.60 mm
TLV7012,
TLV7022
VSSOP (8)
3 mm × 3 mm
SOT-23 (8)
2.90 mm x 1.60 mm
WSON (8)
2 mm x 2 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
TLV70x1 Family of Low Power Comparators
PART
NUMBERS
OUTPUT
IQ
tPD
TLV701x / 2x
Push-pull / Open-drain
5 µA
260 ns
TLV703x / 4x
Push-pull / Open-drain
335 nA
3 µs
X2SON Package vs SC70 and US Dime
Propagation Delay vs. Overdrive
TA = 25°C, VCC = 5 V, CL = 15 pF


Similar Part No. - TLV7021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7021 TI1-TLV7021 Datasheet
995Kb / 18P
Micro-Package, Micro-Power, Low-Voltage Comparators
TLV7021 TI1-TLV7021 Datasheet
1Mb / 33P
Small-Size, Micro-Power, Low-Voltage Comparators
TLV7021 TI1-TLV7021 Datasheet
1Mb / 38P
Small-size, micro-power, low-voltage comparators
TLV7021 TI1-TLV7021 Datasheet
1Mb / 41P
TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
TLV7021 TI1-TLV7021 Datasheet
2Mb / 42P
TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
More results

Similar Description - TLV7021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7011 TI1-TLV7011_18 Datasheet
1Mb / 33P
Small-Size, Micro-Power, Low-Voltage Comparators
TLV7031 TI1-TLV7031_18 Datasheet
1Mb / 34P
Small Size, nanoPower, Low-Voltage Comparators
TLV7011 TI1-TLV7011_19 Datasheet
1Mb / 38P
Small-size, micro-power, low-voltage comparators
TLV7031 TI1-TLV7031_19 Datasheet
1Mb / 42P
Small Size, Nanopower, Low-Voltage Comparators
TLV7031_1904 TI1-TLV7031_1904 Datasheet
1Mb / 45P
TLV703x and TLV704x Small Size, Nanopower, Low-Voltage Comparators
TLV7011 TI1-TLV7011_V01 Datasheet
1Mb / 41P
TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
TLV7011 TI1-TLV7011_V02 Datasheet
2Mb / 42P
TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
TLV7031 TI-TLV7031_V02 Datasheet
2Mb / 51P
TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7011 TI-TLV7011_V03 Datasheet
2Mb / 44P
TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
TLV7011 TI-TLV7011_V04 Datasheet
2Mb / 44P
TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com