Electronic Components Datasheet Search
  English  ▼

X  

TLV7021 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV7021
Description  TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7021 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV7021 Datasheet HTML 6Page - Texas Instruments TLV7021 Datasheet HTML 7Page - Texas Instruments TLV7021 Datasheet HTML 8Page - Texas Instruments TLV7021 Datasheet HTML 9Page - Texas Instruments TLV7021 Datasheet HTML 10Page - Texas Instruments TLV7021 Datasheet HTML 11Page - Texas Instruments TLV7021 Datasheet HTML 12Page - Texas Instruments TLV7021 Datasheet HTML 13Page - Texas Instruments TLV7021 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Input Offset (mV)
0
5
10
15
20
-3
-2
-2
-1
0
1
2
3
4
TLV7
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
0
2
4
6
8
10
12
14
16
TLV7
VCM = VCC / 2
VCM = VCC
VCM = 0
VCM (V)
0
1
2
3
-4
-3
-2
-1
0
1
2
3
4
TLV7
VCM (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-4
-3
-2
-1
0
1
2
3
4
TLV7
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
TLV7
VCM = VCC / 2
VCM = VCC
VCM = 0
VCM (V)
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
-4
-3
-2
-1
0
1
2
3
4
TLV7
10
TLV7011, TLV7021, TLV7012, TLV7022
SLVSDM5F – SEPTEMBER 2017 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TLV7011 TLV7021 TLV7012 TLV7022
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
6.13 Typical Characteristics
TA = 25°C, VCC = 5 V, VEE = 0 V, VCM = VCC/2, CL = 15 pF
VCC = 1.8 - 5.0V
Figure 3. Input Offset vs. Temperature
VCC = 1.8 V, 50 devices
Figure 4. Input Offset Voltage vs. VCM
VCC = 3.3 V, 50 devices
Figure 5. Input Offset Voltage vs. VCM
VCC = 5 V, 50 devices
Figure 6. Input Offset Voltage vs. VCM
Distribution Taken From 10,777 Comparators
Figure 7. Input Offset Voltage Histogram
VCC = 1.8V - 5.0V
Figure 8. TLV70x1 Hysteresis vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com