Electronic Components Datasheet Search
  English  ▼

X  

TLV809 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV809
Description  TLV8x3 3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV809 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV809 Datasheet HTML 2Page - Texas Instruments TLV809 Datasheet HTML 3Page - Texas Instruments TLV809 Datasheet HTML 4Page - Texas Instruments TLV809 Datasheet HTML 5Page - Texas Instruments TLV809 Datasheet HTML 6Page - Texas Instruments TLV809 Datasheet HTML 7Page - Texas Instruments TLV809 Datasheet HTML 8Page - Texas Instruments TLV809 Datasheet HTML 9Page - Texas Instruments TLV809 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
7.5 Electrical Characteristics
over recommended operating junction temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VOL
Low-level output voltage
VDD = 2 V to 6 V, IOL = 500 µA
0.3
V
VDD = 3.3 V, IOL = 2 mA
0.4
VDD = 6 V, IOL = 4 mA
0.4
Power-up reset voltage(1)
IOL = 50 µA, VOL < 0.2 V
1.1
V
VIT–
Negative-going input
threshold voltage(2)
TLV803Z
TJ = – 40°C to +125°C
2.20
2.25
2.30
V
TLV803R
2.58
2.64
2.70
TLV803S
2.87
2.93
2.99
TLV8x3M
4.28
4.38
4.48
Vhys
Hysteresis
TLV803Z
TJ = 25°C, IOL = 50 µA
30
mV
TLV803R
35
TLV803S
40
TLV8x3M
60
IDD
Supply current
VDD = 2 V, output unconnected
9
15
µA
VDD = 6 V, output unconnected
20
30
IOH
Output leakage current
VDD = 6 V
350
nA
(1)
The lowest supply voltage at which RESET becomes valid. tr,VDD ≤ 66.7 V/ms.
(2)
To ensure best stability of the threshold voltage, place a bypass capacitor (0.1-µF ceramic) near the supply terminals.
7.6 Switching Characteristics
over operating temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tw
Pulse duration at VDD
VDD = 1.08 VIT– to 0.92 VIT–
10
µs
td
Delay time
VDD ≥ VIT– + 0.2 V; see Timing Diagram
120
200
280
ms
t
d
t
d
t
1
0
t
RESET
ForV
<1.1VUndefined
BehaviorofOutput
DD
RESET
1.1V
V
DD
V
IT-
Figure 7-1. Timing Diagram
TLV803, TLV853, TLV863
SBVS157E – APRIL 2011 – REVISED DECEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TLV803 TLV853 TLV863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com