Electronic Components Datasheet Search
  English  ▼

X  

TLV809 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV809
Description  TLV8x3 3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV809 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV809 Datasheet HTML 6Page - Texas Instruments TLV809 Datasheet HTML 7Page - Texas Instruments TLV809 Datasheet HTML 8Page - Texas Instruments TLV809 Datasheet HTML 9Page - Texas Instruments TLV809 Datasheet HTML 10Page - Texas Instruments TLV809 Datasheet HTML 11Page - Texas Instruments TLV809 Datasheet HTML 12Page - Texas Instruments TLV809 Datasheet HTML 13Page - Texas Instruments TLV809 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 Monitoring Multiple Supplies
Because the TLV803 has an open-drain output, multiple TLV803 outputs can be directly tied together to form a
logical OR-ing function for the RESET line. Only one pull-up resistor is required for this configuration. Figure 9-1
shows two TLV803s connected together to provide monitoring of a 3.3-V power rail and a 5.0-V power rail. A
reset is generated if either power rail falls below the threshold voltage of its corresponding TLV803.
GND
V
DD
RESET
RST
TLV803M
Microprocessor
100kW
0.1 mF
5.0V
GND
V
DD
RESET
TLV803S
0.1 mF
3.3V
V
IO
V
CORE
3.3V
Figure 9-1. Multiple Voltage Rail Monitoring
9.1.2 Output Level Shifting
The RESET output of the TLV803 can be pulled to a maximum voltage of 6 V and can be pulled higher in voltage
than VDD. It is useful to provide level shifting of the output for cases where the monitored voltage is less than the
useful logic levels of the load. Figure 9-2 shows the TLV803Z used to monitor a 2.5-V power rail, with a logic
RESET input to a microprocessor that is connected to 5.0 V and has 5.0-V logic levels.
TLV803, TLV853, TLV863
SBVS157E – APRIL 2011 – REVISED DECEMBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TLV803 TLV853 TLV863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com