Electronic Components Datasheet Search
  English  ▼

X  

TLV809 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV809
Description  TLV8x3 3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV809 Datasheet(HTML) 1 Page - Texas Instruments

  TLV809 Datasheet HTML 1Page - Texas Instruments TLV809 Datasheet HTML 2Page - Texas Instruments TLV809 Datasheet HTML 3Page - Texas Instruments TLV809 Datasheet HTML 4Page - Texas Instruments TLV809 Datasheet HTML 5Page - Texas Instruments TLV809 Datasheet HTML 6Page - Texas Instruments TLV809 Datasheet HTML 7Page - Texas Instruments TLV809 Datasheet HTML 8Page - Texas Instruments TLV809 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TLV8x3 3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
1 Features
• 3-Pin SOT23 Package
• Supply Current: 9 µA (Typical)
• Precision Supply Voltage Monitor:
2.5 V, 3 V, 3.3 V, 5 V
• Power-On Reset Generator with
Fixed Delay Time of 200 ms
• Pin-for-Pin Compatible with MAX803
• Temperature Range: –40°C to +125°C
• Open-Drain, RESET Output
2 Applications
• Factory Automation
• Portable and Battery-Powered Equipment
• Set-Top Boxes
• Servers
• Appliances
• Electricity Meters
• Building Automation
3 Description
The TLV8x3 family of supervisory circuits provides
circuit initialization and timing supervision, primarily
for DSPs and processor-based systems.
The TLV803, TLV853, and TLV863 are functionally
equivalent. The TLV853 and TLV863 provide an
alternate pinout of the TLV803. The newer TLV803E
device is a pin-to-pin alternative to all of these 3.
During power on, RESET asserts when the supply
voltage (VDD) exceeds 1.1 V. Thereafter, the
supervisory circuit monitors VDD and keeps RESET
active as long as VDD remains below the threshold
voltage VIT. An internal timer delays the return of the
output to the inactive state (high) to ensure proper
system reset. The delay time (td(typ) = 200 ms) starts
after VDD exceeds the threshold voltage, VIT. When
the supply voltage drops below the VIT threshold
voltage, the output is active (low) again. All the
devices in this family have a fixed sense-threshold
voltage (VIT) set by an internal voltage divider.
The product spectrum is designed for supply voltages
of 2.5 V, 3 V, 3.3 V, and 5 V. These devices are
available in a 3-pin SOT-23 package. The TLV803
devices are characterized for operation over a
temperature range of –40°C to +125°C.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV8x3
SOT-23 (3)
2.92 mm × 1.30 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
3.3V
TLV803S
DSP/FPGA/ASIC
GND
GND
RESET
RESET
V
DD
3.3-VLDO
GND
OUT
IN
5V
V
DD
Typical Application
www.ti.com
TLV803, TLV853, TLV863
SBVS157E – APRIL 2011 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TLV803 TLV853 TLV863
TLV803, TLV853, TLV863
SBVS157E – APRIL 2011 – REVISED DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV809

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
3-Pin Supply Voltage Supervisor
TLV809 TI1-TLV809 Datasheet
816Kb / 15P
3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV809 TI1-TLV809 Datasheet
794Kb / 14P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV809 TI1-TLV809 Datasheet
1Mb / 22P
3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV809 TI2-TLV809 Datasheet
409Kb / 15P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
REVISED JUNE 2011
More results

Similar Description - TLV809

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
logo
Micrel Semiconductor
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Texas Instruments
TLV803M TI1-TLV803M Datasheet
607Kb / 16P
3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV810M TI1-TLV810M Datasheet
416Kb / 14P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
Texas Instruments
TLV803 TI1-TLV803_15 Datasheet
913Kb / 20P
3Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803M TI1-TLV803M_13 Datasheet
816Kb / 15P
3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV810M TI1-TLV810M_13 Datasheet
794Kb / 14P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Texas Instruments
TLV803 TI1-TLV803_17 Datasheet
1Mb / 22P
3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com