Electronic Components Datasheet Search
  English  ▼

X  

TLV9302IDDFR Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV9302IDDFR
Description  TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9302IDDFR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV9302IDDFR Datasheet HTML 10Page - Texas Instruments TLV9302IDDFR Datasheet HTML 11Page - Texas Instruments TLV9302IDDFR Datasheet HTML 12Page - Texas Instruments TLV9302IDDFR Datasheet HTML 13Page - Texas Instruments TLV9302IDDFR Datasheet HTML 14Page - Texas Instruments TLV9302IDDFR Datasheet HTML 15Page - Texas Instruments TLV9302IDDFR Datasheet HTML 16Page - Texas Instruments TLV9302IDDFR Datasheet HTML 17Page - Texas Instruments TLV9302IDDFR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Time (500ns/div)
C018
Input
Output
G = –10
Figure 6-31. Negative Overload Recovery
Time (2Ps/div)
C010
Input
Output
CL = 20 pF, G = 1, 20-mV step response
Figure 6-32. Small-Signal Step Response
Time (1µs/div)
C011
Input
Output
RL = 1 kΩ, CL = 20 pF, G = –1, 10-mV step response
Figure 6-33. Small-Signal Step Response
Time (1µs/div)
C005
Input
Output
CL = 20 pF, G = 1
Figure 6-34. Large-Signal Step Response (Falling)
Time (1µs/div)
C005
Input
Output
CL = 20 pF, G = 1
Figure 6-35. Large-Signal Step Response (Rising)
Time (2µs/div)
C021
Input
Output
CL = 10 pF, G = –1
Figure 6-36. Large-Signal Step Response
TLV9301, TLV9302, TLV9304
SBOS941D – FEBRUARY 2019 – REVISED AUGUST 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV9301 TLV9302 TLV9304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com