Electronic Components Datasheet Search
  English  ▼

X  

TLV9302IDDFR Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV9302IDDFR
Description  TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9302IDDFR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV9302IDDFR Datasheet HTML 7Page - Texas Instruments TLV9302IDDFR Datasheet HTML 8Page - Texas Instruments TLV9302IDDFR Datasheet HTML 9Page - Texas Instruments TLV9302IDDFR Datasheet HTML 10Page - Texas Instruments TLV9302IDDFR Datasheet HTML 11Page - Texas Instruments TLV9302IDDFR Datasheet HTML 12Page - Texas Instruments TLV9302IDDFR Datasheet HTML 13Page - Texas Instruments TLV9302IDDFR Datasheet HTML 14Page - Texas Instruments TLV9302IDDFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40qC
25qC
85qC
125qC
D013
VS = 5 V
Figure 6-13. Output Voltage Swing vs Output Current (Sourcing)
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40qC
25qC
85qC
125qC
D013
VS = 5 V
Figure 6-14. Output Voltage Swing vs Output Current (Sinking)
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
100
1k
10k
100k
1M
10M
C003
PSRR+
PSRR-
CMRR
Figure 6-15. CMRR and PSRR vs Frequency
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
90
95
100
105
110
115
120
D015
f = 0 Hz
Figure 6-16. CMRR vs Temperature (dB)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
D016
f = 0 Hz
Figure 6-17. PSRR vs Temperature (dB)
Time (1s/Div)
C015
Figure 6-18. 0.1-Hz to 10-Hz Noise
www.ti.com
TLV9301, TLV9302, TLV9304
SBOS941D – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV9301 TLV9302 TLV9304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com