Electronic Components Datasheet Search
  English  ▼

X  

TLV9302IDDFR Datasheet(PDF) 25 Page - Texas Instruments

Part # TLV9302IDDFR
Description  TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9302IDDFR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLV9302IDDFR Datasheet HTML 21Page - Texas Instruments TLV9302IDDFR Datasheet HTML 22Page - Texas Instruments TLV9302IDDFR Datasheet HTML 23Page - Texas Instruments TLV9302IDDFR Datasheet HTML 24Page - Texas Instruments TLV9302IDDFR Datasheet HTML 25Page - Texas Instruments TLV9302IDDFR Datasheet HTML 26Page - Texas Instruments TLV9302IDDFR Datasheet HTML 27Page - Texas Instruments TLV9302IDDFR Datasheet HTML 28Page - Texas Instruments TLV9302IDDFR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TLV930x family offers excellent DC precision and DC performance. These devices operate up to 40-V
supply rails and offer true rail-to-rail input/output, low offset voltage and offset voltage drift, as well as 1-MHz
bandwidth and high output drive. These features make the TLV930x a robust, high-performance operational
amplifier for high-voltage industrial applications.
8.2 Typical Applications
8.2.1 High Voltage Precision Comparator
Many different systems require controlled voltages across numerous system nodes to ensure robust operation.
A comparator can be used to monitor and control voltages by comparing a reference threshold voltage with an
input voltage and providing an output when the input crosses this threshold.
The TLV930x family of op amps make excellent high voltage comparators due to their MUX-friendly input stage
(see Section 7.3.1). Previous generation high-voltage op amps often use back-to-back diodes across the inputs
to prevent damage to the op amp which greatly limits these op amps to be used as comparators, but the
TLV930x's patented input stage allows the device to have a wide differential voltage between the inputs.
+
V+
V+
V
OUT
V
IN
R
1
R
2
V
TH
Figure 8-1. Typical Comparator Application
8.2.1.1 Design Requirements
The primary objective is to design a 40-V precision comparator.
• System supply voltage (V+): 40 V
• Resistor 1 value: 100 kΩ
• Resistor 2 value: 100 kΩ
• Reference threshold voltage (VTH): 20 V
• Input voltage range (VIN): 0 V – 40 V
• Output voltage range (VOUT): 0 V – 40 V
www.ti.com
TLV9301, TLV9302, TLV9304
SBOS941D – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TLV9301 TLV9302 TLV9304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com