Electronic Components Datasheet Search
  English  ▼

X  

TLV9302IDDFR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV9302IDDFR
Description  TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9302IDDFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV9302IDDFR Datasheet HTML 9Page - Texas Instruments TLV9302IDDFR Datasheet HTML 10Page - Texas Instruments TLV9302IDDFR Datasheet HTML 11Page - Texas Instruments TLV9302IDDFR Datasheet HTML 12Page - Texas Instruments TLV9302IDDFR Datasheet HTML 13Page - Texas Instruments TLV9302IDDFR Datasheet HTML 14Page - Texas Instruments TLV9302IDDFR Datasheet HTML 15Page - Texas Instruments TLV9302IDDFR Datasheet HTML 16Page - Texas Instruments TLV9302IDDFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Frequency (Hz)
120
180
240
300
360
420
480
540
600
660
720
780
100
1k
10k
100k
1M
10M
C013
Figure 6-25. Open-Loop Output Impedance vs Frequency
Cap Load (pF)
0
40
80
120
160
200
240
280
320
360
3
6
9
12
15
18
21
24
27
30
33
C007
RISO = 0 :, Positive Overshoot
RISO = 0 :, Negative Overshoot
RISO = 50 :, Positive Overshoot
RISO = 50 :, Negative Overshoot
G = –1, 100-mV output step
Figure 6-26. Small-Signal Overshoot vs Capacitive Load
Cap Load (pF)
0
40
80
120
160
200
240
280
320
360
5
10
15
20
25
30
35
40
45
50
55
C008
RISO = 0 :, Positive Overshoot
RISO = 0 :, Negative Overshoot
RISO = 50 :, Positive Overshoot
RISO = 50 :, Negative Overshoot
G = 1, 100-mV output step
Figure 6-27. Small-Signal Overshoot vs Capacitive Load
Cap Load (pF)
0
100
200
300
400
500
600
700
800
900 1000
20
24
28
32
36
40
44
48
52
56
60
64
C009
G = –1, 100-mV output step
Figure 6-28. Small-Signal Overshoot vs Capacitive Load
Time (20µs/Div)
C016
Input
Output
Figure 6-29. No Phase Reversal
Time (500ns/div)
C018
Input
Output
G = –10
Figure 6-30. Positive Overload Recovery
www.ti.com
TLV9301, TLV9302, TLV9304
SBOS941D – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV9301 TLV9302 TLV9304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com