Electronic Components Datasheet Search
  English  ▼

X  

PRESREMOTEG Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # PRESREMOTEG
Description  Wireless Presentation Remote with Green Laser Pointer - 90 ft. (27 m)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PRESREMOTEG Datasheet(HTML) 3 Page - StarTech.com Ltd.

  PRESREMOTEG Datasheet HTML 1Page - StarTech.com Ltd. PRESREMOTEG Datasheet HTML 2Page - StarTech.com Ltd. PRESREMOTEG Datasheet HTML 3Page - StarTech.com Ltd. PRESREMOTEG Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Certifications, Reports
and Compatibility
Applications
•
Control your PowerPoint presentation with easy-to-use buttons
•
Highlight critical information with the laser pointer
•
Freely move around the room while you present
Features
•
Draw your audience's attention to specific on-screen content, using
the built-in laser pointer
•
The vibrant green colored laser produces a higher visibility on
projectors and LCD/LED HD screens than traditional red colored
pointers
•
Engage your audience, move around the room, with a wireless range
of up to 90 ft. (27 m)
•
Easily control your presentation with intuitive push-button operation
and no additional software or drivers required
•
Present from anywhere, the remote comes with a carrying case and
fits nicely inside a laptop bag
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com