Electronic Components Datasheet Search
  English  ▼

X  

PRESREMOTEG Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # PRESREMOTEG
Description  Wireless Presentation Remote with Green Laser Pointer - 90 ft. (27 m)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PRESREMOTEG Datasheet(HTML) 1 Page - StarTech.com Ltd.

  PRESREMOTEG Datasheet HTML 1Page - StarTech.com Ltd. PRESREMOTEG Datasheet HTML 2Page - StarTech.com Ltd. PRESREMOTEG Datasheet HTML 3Page - StarTech.com Ltd. PRESREMOTEG Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wireless Presentation Remote with Green Laser
Pointer - 90 ft. (27 m)
Product ID: PRESREMOTEG
This wireless presentation remote lets you engage your audience, draw their attention and control your
presentation. It's ideal for presenting in large lecture halls, or conference centers.
Draw Your Audience's Attention
With a built-in green laser pointer, the presentation remote lets you guide your audience’s attention to
critical information in your content. It’s perfect for PowerPoint presentations, websites or any other
documents you want to share.
The green laser works on surfaces where red lasers won't display. It appears nicely on bright projector or
LCD/LED HD screens.
www.startech.com
1 800 265 1844


Similar Part No. - PRESREMOTEG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PRES11A00QDDFRQ1 TI-PRES11A00QDDFRQ1 Datasheet
2Mb / 28P
RES11A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 1-kΩ Inputs
OCTOBER 2023
PRES11A10QDDFRQ1 TI-PRES11A10QDDFRQ1 Datasheet
2Mb / 28P
RES11A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 1-kΩ Inputs
OCTOBER 2023
PRES11A150QDDFRQ1 TI-PRES11A150QDDFRQ1 Datasheet
2Mb / 28P
RES11A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 1-kΩ Inputs
OCTOBER 2023
PRES11A15QDDFRQ1 TI-PRES11A15QDDFRQ1 Datasheet
2Mb / 28P
RES11A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 1-kΩ Inputs
OCTOBER 2023
PRES11A16QDDFRQ1 TI-PRES11A16QDDFRQ1 Datasheet
2Mb / 28P
RES11A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 1-kΩ Inputs
OCTOBER 2023
More results

Similar Description - PRESREMOTEG

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PRPRO3 TRIPPLITE-PRPRO3 Datasheet
482Kb / 2P
Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 100-ft. Range
PRUS2 TRIPPLITE-PRUS2 Datasheet
499Kb / 2P
Keyspan by Tripp Lite Presentation Wireless Remote Control, Silver, 60-ft. Range
logo
Roithner LaserTechnik G...
JLP-5G ROITHNER-JLP-5G Datasheet
93Kb / 1P
Laser pointer with green laser
ROITHNER520 ROITHNER-ROITHNER520 Datasheet
345Kb / 2P
Green Laser Pointer
S200-5R ROITHNER-S200-5R Datasheet
97Kb / 1P
Laser pointer with green laser
logo
Tripp Lite. All Rights ...
PR-PRO3 TRIPPLITE-PR-PRO3 Datasheet
479Kb / 2P
Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 100-ft. Range
PR-US2 TRIPPLITE-PR-US2 Datasheet
497Kb / 2P
Keyspan by Tripp Lite Presentation Wireless Remote Control, Silver, 60-ft. Range
logo
Sensortechnics GmbH
LD63F5S-A SENSORTECHNICS-LD63F5S-A Datasheet
1Mb / 6P
Laser Pointer
logo
IOGEAR
GME430R IOGEAR-GME430R Datasheet
144Kb / 3P
RedPoint Pro - 2.4GHz Gyroscopic Presentation Mouse with Laser Pointer
GME435G IOGEAR-GME435G Datasheet
144Kb / 3P
GreenPoint Pro - 2.4GHz Gyroscopic Presentation Mouse w/ Laser Pointer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com