Electronic Components Datasheet Search
  English  ▼

X  

PRESREMOTEG Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # PRESREMOTEG
Description  Wireless Presentation Remote with Green Laser Pointer - 90 ft. (27 m)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PRESREMOTEG Datasheet(HTML) 2 Page - StarTech.com Ltd.

  PRESREMOTEG Datasheet HTML 1Page - StarTech.com Ltd. PRESREMOTEG Datasheet HTML 2Page - StarTech.com Ltd. PRESREMOTEG Datasheet HTML 3Page - StarTech.com Ltd. PRESREMOTEG Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Engage Your Audience
The presentation clicker features a wireless range of 90 ft. (27 m). It gives you control of what’s on the
screen throughout the room, and the freedom to move around and present as if you were at your
computer.
You can:
Navigate through your slides
Black out the screen to focus your audience's attention solely on you or something else in the room
Control the volume of a video
Present from Anywhere
The remote features a sleek, ergonomic design and includes the required batteries along with a protective
carrying case, for total portability. You can store the wireless receiver inside the presentation remote
when you’re not using it and the remote will automatically power off.
The USB receiver works with virtually any Mac or Windows computer. Simply plug the receiver into your
laptop and you're ready to present.
The PRESREMOTEG is backed by a 2-year StarTech.com warranty and free lifetime technical support.
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com