Electronic Components Datasheet Search
  English  ▼

X  

PRESREMOTEG Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # PRESREMOTEG
Description  Wireless Presentation Remote with Green Laser Pointer - 90 ft. (27 m)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PRESREMOTEG Datasheet(HTML) 4 Page - StarTech.com Ltd.

  PRESREMOTEG Datasheet HTML 1Page - StarTech.com Ltd. PRESREMOTEG Datasheet HTML 2Page - StarTech.com Ltd. PRESREMOTEG Datasheet HTML 3Page - StarTech.com Ltd. PRESREMOTEG Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Warranty
2 Years
Performance
Max Distance
27 m / 90 ft
Max Optical Power
1mW
WAVELENGTH
532 ± 10nm
Wireless Band
2.4 GHz
Connector(s)
Connector Type(s)
1 - USB Type-A (4 pin) USB 2.0
Special Notes /
Requirements
Note
This is a Class 2 Laser Product
Indicators
LED Indicators
1 - Activity (Remote)
Environmental
Humidity
30%~80% RH
Operating Temperature
5℃ to 45℃ (41°F to 113°F)
Storage Temperature
5℃ to 45℃ (41°F to 113°F)
Physical
Characteristics
Color
Black
Product Height
1 in [2.5 cm]
Product Length
5.3 in [13.4 cm]
Product Width
1.2 in [31 mm]
Weight of Product
1.5 oz [43 g]
Packaging
Information
Package Height
1.8 in [45 mm]
Package Length
7.5 in [19 cm]
Package Quantity
190
Package Width
3.8 in [96 mm]
Shipping (Package) Weight
0.4 lb [0.2 kg]
What's in the Box
Included in Package
1 - Presentation Remote
2 - AAA Batteries
1 - Carrying Case
1 - User Manual
Product appearance and specifications are subject to change without notice.
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com