Electronic Components Datasheet Search
  English  ▼

X  

MP3924GU Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP3924GU
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924GU Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP3924GU Datasheet HTML 17Page - Monolithic Power Systems MP3924GU Datasheet HTML 18Page - Monolithic Power Systems MP3924GU Datasheet HTML 19Page - Monolithic Power Systems MP3924GU Datasheet HTML 20Page - Monolithic Power Systems MP3924GU Datasheet HTML 21Page - Monolithic Power Systems MP3924GU Datasheet HTML 22Page - Monolithic Power Systems MP3924GU Datasheet HTML 23Page - Monolithic Power Systems MP3924GU Datasheet HTML 24Page - Monolithic Power Systems MP3924GU Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
21
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
event. During a classification mark event, the
OUTx pins have sink and source current
capability. This means that the output port
voltage can use a 0.1µF capacitor to follow the
OUTx pin
’s regulated voltage.
The classification circuit is disabled when the
classification result is valid and the port output
is powered up.
Start-Up
If the detection and classification results are
valid, the MP3924 ramps up the
port’s output
power. This power is delivered to the PD circuit.
The PENx and PECx bits are then set to
indicate the port status. When the power supply
(VIN) is between 44V and 57V, the MP3924 can
operate from 31V and report over-voltage (OV)
conditions at 65V. If the OUTx pin voltage drops
below 2V, the PGx and PGCx bits are set to
indicate the power good (PG) result.
If the detection is valid but the port does not
start up within 400ms in automatic or semi-
automatic mode, then the port initializes a new
detection cycle.
Four-Channel Sequence
The MP3924 detects, classifies, and starts up
the ports one at a time. Port one is first,
followed by the second, third, and fourth ports.
If no PD is plugged in, the detection process
goes one by one (see Figure 7).
t
OUT
Pin
VIN
80ms
OUT1
OUT2
OUT3
OUT4
OUT1
OUT2
Detection ends
due to open port
Figure 7: No PD on an Output Port
The next port starts detecting within the 80ms
discharge
time
after
the
previous
port
’s
detection cycle ends. Within this 80ms delay,
the port can be discharged below 4V before
detection starts (see Figure 8).
t
OUT
Pin
VIN
80ms
OUT1
OUT2
OUT3
OUT4
OUT1
OUT3
160ms
Figure 8: PD Plug into Port 2
If one of the ports has a PD load and the port
starts up, then the other ports repeat the
detection cycle, from channel one to channel
four. After one channel shuts down, it returns to
its place in the queue (see Figure 9).
t
OUT
Pin
VIN
OUT3
OUT4
OUT1
OUT2
OUT4
OUT1
OUT2
OUT3
Wait for the
next cycle
Internal
Discharge
Figure 9: PD Plug Out from Port 2
Over-Current Protection (OCP)
When the port is powered up, the MP3924
controls the inrush current. As a result, the
output port voltage ramps up smoothly until the
connected PD capacitor charges up to the
power source voltage. In this scenario, the
GATE pin voltage is controlled to limit the input
current (IIN) below 106.25mV / RSENSE.
If the PD capacitor value is too large or the
output port is shorted, the inrush current lasts
for a set time (tINRUSH). After tINRUSH, the port
output power turns off. tINRUSH can be configured
via the TINRUSH bit.
If 106.25mV / RSENSE exceeds ICUT during the
inrush period, the ICUT timer (tICUT) begins
counting. After tICUT, the output turns off. It is
recommended for RSENSE to be 0.25Ω for all
applications. If one port shuts down due to the
start-up inrush current, then the STFx bits are
set to indicate a start failure event.
After start-up, the PGx bits are set to high to
indicate the port
’s output power status. If the
load current exceeds VCUT / RSENSE (VCUT is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com