Electronic Components Datasheet Search
  English  ▼

X  

MP3924GU Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MP3924GU
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924GU Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MP3924GU Datasheet HTML 22Page - Monolithic Power Systems MP3924GU Datasheet HTML 23Page - Monolithic Power Systems MP3924GU Datasheet HTML 24Page - Monolithic Power Systems MP3924GU Datasheet HTML 25Page - Monolithic Power Systems MP3924GU Datasheet HTML 26Page - Monolithic Power Systems MP3924GU Datasheet HTML 27Page - Monolithic Power Systems MP3924GU Datasheet HTML 28Page - Monolithic Power Systems MP3924GU Datasheet HTML 29Page - Monolithic Power Systems MP3924GU Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
26
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
repeats the detection cycle until a valid PD is
connected.
If the MP3924 runs in automatic mode after
start-up or reset, the DETENx and CLSENx bits
are set high based on the AUTO pin. If a port is
set to automatic mode via the I2C, the DETENx
and CLSENx bits do not change.
Semi-Automatic Mode
In
semi-automatic
mode,
the
MP3924
automatically
detects
and
classifies
the
connected PD. However, the port does not start
up until an I2C command is issued. Set the
MODEx bits to 10 to force the MP3924 to
operate in semi-automatic mode.
When the port is set to semi-automatic mode,
the DETENx and CLSENx bits to not change. If
the DETENx and CLSENx bits are high in semi-
automatic mode, the port repeats the detection
(and classification if the PD detection result is
valid) continuously. However, the port does not
start up until an I2C command is issued. If the
detection and classification are valid, the port
power can be turned on by a PONx bit. If the
port is powered off in semiautomatic mode, the
DETENx and CLSENx bits are reset to 0.
If the detection is valid and the port does not
turn on within 400ms in automatic or semi-
automatic mode, then the port initiates a new
detection sequence. If the final detection and
classification sequences are determined to be
invalid before the start-up command is received,
the device fails to turn on. At the same time, the
STFx bit is set and the MP3924 resets the
command. If the detection and classification
sequences are valid but a start-up command is
not issued after 400ms, then the STFx bit is set.
Manual Mode
In manual mode, all functions are controlled via
the
I2C
interface.
Manual
mode
is
recommended for system diagnostics. Set the
MODEx bits to 01 to force the ports to operate
in manual mode.
In manual mode, the DETENx and CLSENx bits
are set to 0. Set these bits to 1 to enable one-
time detection or classification. These bits reset
to 0 automatically.
The PONx bits power the port in manual mode.
The port turns on any time the PONx bit is set.
If the DETENx, CLSENx, and PONx bits are set
simultaneously, then the MP3924 executes a
detection cycle first. If
the DETENx and
CLSENx bits are set after the port starts up, the
MPM3924 ignores the DETENx and CLSENx
commands. The RDETx and RCLSx bits follow
the same logic.
If a PONx command is received while the
device recovers from a protection, then the
MP3924 does not turn on and the failure is
reported to the STFx bit.
Shutdown Mode
In shutdown mode, all detection, classification,
and port power output functions are off. To
force the MP3924 to operate in shutdown mode,
pull the AUTO pin to DGND before the device
starts up or resets. Set the MODEx bits to 00 to
set a port to shutdown mode.
Once a port is in shutdown mode, the power is
turned
off
and
the
corresponding
port
event/status registers are cleared, except for
the PECx and PGCx bits. The I2C interface still
operates in shutdown mode, but the ports do
not respond to any detection, classification, or
port start-up commands.
In certain AUTO pin configurations, the MODE
bits are set to 00 or 11 after start-up (or after a
reset). After start-up, all ports can switch
between the four modes. The registers and port
states are not changed by these bits unless
shutdown mode is selected.
9-Bit ADC
The MP3924 integrates a 9-bit analog-to-digital
converter (ADC) to continuously measure the
input voltage, output voltage, load current, and
junction temperature. The ADC also measures
PMAX once following start-up, or if the device is
reset. When any ADC information is required,
the host controller can read the corresponding
data registers. ADC conversion only works
when the port is enabled and if there is no data
update for the corresponding port when the port
is shut down. The register cannot be updated
while it is read, even if ADC conversion is
complete for that segment of data.
I2C Interface
The MP3924 features an I2C interface. The 7-bit
device address is defined as 010 xxxx, where



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com