Electronic Components Datasheet Search
  English  ▼

X  

MP3924GU Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3924GU
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924GU Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3924GU Datasheet HTML 2Page - Monolithic Power Systems MP3924GU Datasheet HTML 3Page - Monolithic Power Systems MP3924GU Datasheet HTML 4Page - Monolithic Power Systems MP3924GU Datasheet HTML 5Page - Monolithic Power Systems MP3924GU Datasheet HTML 6Page - Monolithic Power Systems MP3924GU Datasheet HTML 7Page - Monolithic Power Systems MP3924GU Datasheet HTML 8Page - Monolithic Power Systems MP3924GU Datasheet HTML 9Page - Monolithic Power Systems MP3924GU Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
6
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VIN .............................................. -0.3V to +80V
OUT1~4................................-0.3V to VIN + 0.3V
GATE1~4, SENSE1~4................. -0.3V to +22V
DGND, SGND1, SGND2............. -0.3V to +0.3V
All other pins............................... -0.3V to +6.5V
INT1, INT2, SDAO
maximum sink current……...
………………………………………………..20mA
Continuous power dissipation (TA = 25°C)
…………………………………………...3.9W (2) (4)
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature................ -65°C to +150°C
Recommended Operating Conditions (3)
Supply voltage (VIN) ......................... 44V to 57V
INT1, INT2, SDAO
maximum sink current……...
…………………………………………………5mA
Operating junction temp (TJ). ... -40°C to +125°C
Thermal Resistance
θJA
θJC
EV3924-U-00A (4) ................. 32......... 2.. °C/W
JESD51-7 (5) ......................... 36......... 8.. °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient
thermal
resistance,
θ
JA,
and
the
ambient
temperature, TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA) / θJA. Exceeding the maximum
allowable
power
dissipation
can
cause
excessive
die
temperature, and the regulator may go into thermal shutdown.
Internal thermal shutdown circuitry protects the device from
permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on EV3924-U-00A, 2-layer, 88mmx106mm PCB.
5)
The value of θ
JA given in this table is only valid for comparison
with other packages and cannot be used for design purposes.
These values were calculated in accordance with JESD51-7,
and simulated on a specified JEDEC board. They do not
represent the performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com