Electronic Components Datasheet Search
  English  ▼

X  

LM35 Datasheet(PDF) 23 Page - Texas Instruments

Part # LM35
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM35 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM35 Datasheet HTML 19Page - Texas Instruments LM35 Datasheet HTML 20Page - Texas Instruments LM35 Datasheet HTML 21Page - Texas Instruments LM35 Datasheet HTML 22Page - Texas Instruments LM35 Datasheet HTML 23Page - Texas Instruments LM35 Datasheet HTML 24Page - Texas Instruments LM35 Datasheet HTML 25Page - Texas Instruments LM35 Datasheet HTML 26Page - Texas Instruments LM35 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
8.5.3 Thermal Considerations
Table 8-3 summarizes the thermal resistance of the LM50 (Legacy chip) only for different conditions.
Table 8-3. Temperature Rise of LM50 (Legacy chip) only Due to Self-Heating
RθJA (°C/W)
SOT-23
No heat sink(1)
Still air (Legacy chip)
291.9
Moving air (Legacy chip)
-
Small heat fin(2)
Still air (Legacy chip)
260
Moving air (Legacy chip)
180
(1)
Part soldered to 30 gauge wire.
(2)
Heat sink used is 0.5inch, square printed-circuit board with 2oz foil; part attached as shown in Figure 8-14.
www.ti.com
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com