Electronic Components Datasheet Search
  English  ▼

X  

LM35 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM35
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM35 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM35 Datasheet HTML 10Page - Texas Instruments LM35 Datasheet HTML 11Page - Texas Instruments LM35 Datasheet HTML 12Page - Texas Instruments LM35 Datasheet HTML 13Page - Texas Instruments LM35 Datasheet HTML 14Page - Texas Instruments LM35 Datasheet HTML 15Page - Texas Instruments LM35 Datasheet HTML 16Page - Texas Instruments LM35 Datasheet HTML 17Page - Texas Instruments LM35 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
6.8 Typical Characteristics (LM50HV) (continued)
At TA = 25°C and +VS = 5V (unless otherwise noted)
Frequency (Hz)
100
1k
10k
100k
1M
10
100
1k
10k
+VS = 3V
+VS = 3.3V
+VS = 5V
+VS = 12V
+VS = 24V
+VS = 36V
TA = 25°C
Figure 6-33. Output Impedance vs Frequency
Frequency (Hz)
-100
-80
-60
-40
-20
0
10
100
1k
10k
100k
1M
+VS = 3V
+VS = 3.3V
+VS = 5V
+VS = 12V
TA = 25°C
Figure 6-34. Power Supply Rejection Ratio vs Frequency
Frequency (Hz)
0
500
1,000
1,500
2,000
2,500
3,000
3,500
4,000
10
100
1k
10k
100k
+VS = 3.3V
+VS = 5V
+VS = 36V
TA = 25°C
Figure 6-35. Output Noise Density
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com