Electronic Components Datasheet Search
  English  ▼

X  

AD4081 Datasheet(PDF) 49 Page - Analog Devices

Part # AD4081
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD4081 Datasheet HTML 45Page - Analog Devices AD4081 Datasheet HTML 46Page - Analog Devices AD4081 Datasheet HTML 47Page - Analog Devices AD4081 Datasheet HTML 48Page - Analog Devices AD4081 Datasheet HTML 49Page - Analog Devices AD4081 Datasheet HTML 50Page - Analog Devices AD4081 Datasheet HTML 51Page - Analog Devices AD4081 Datasheet HTML 52Page - Analog Devices AD4081 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 95 page
background image
Data Sheet
AD4081
DIGITAL INTERFACE
analog.com
Rev. 0 | 49 of 95
This feature allows the user to align and test the data interface to
their digital host. When the INTF_CHK_EN bit is unset, the normal
conversion results are output to the LVDS interface immediately.
This method is useful for alignment, particularly for self clock mode
cases where unknown PCB propagation delays may be present
between the AD4081 and its digital host controller. Note that this
feature was specifically designed to help output LVDS data with the
LVDS clock of the digital host by using static data, and the feature
does not indicate if the LVDS_CNV_CLK_CNT setting is used.
Table 21. LVDS_CNV_CLK_CNT Settings for Various Sample Rates (with gain correction applied)
Sample Rate (MSPS)
LVDS Lanes
fCLK (MHz)
tCLK (ns)
(tMSB/tCLK) + 1.5
LVDS_CNV_CLK_CNT Setting
20
1
200
5.000
5.98
5
15
1
150
6.67
4.86
4
10
1
100
10.000
3.74
3
5
1
50
20.000
2.62
2
10
2
100
10.000
3.74
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com