Electronic Components Datasheet Search
  English  ▼

X  

AD4081 Datasheet(PDF) 23 Page - Analog Devices

Part # AD4081
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD4081 Datasheet HTML 19Page - Analog Devices AD4081 Datasheet HTML 20Page - Analog Devices AD4081 Datasheet HTML 21Page - Analog Devices AD4081 Datasheet HTML 22Page - Analog Devices AD4081 Datasheet HTML 23Page - Analog Devices AD4081 Datasheet HTML 24Page - Analog Devices AD4081 Datasheet HTML 25Page - Analog Devices AD4081 Datasheet HTML 26Page - Analog Devices AD4081 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 95 page
background image
Data Sheet
AD4081
THEORY OF OPERATION
analog.com
Rev. 0 | 23 of 95
that if VDD11 is not present, the part will be held in a power-on
reset (POR) state, and all AD4081 registers reset to their default
state after the supply has been reestablished. More details on the
POR circuitry can be found in the Power-On Reset (POR) Monitor
section. The VDD33 rail is supplied with an external 3.3V supply.
The VDD33 supply can be removed to further reduce power (see
the Power Saving Operating Modes section), only analog circuity is
held in reset, and the register content remains unaffected. Refer to
Table 1 for the applicable input voltage tolerance for each supply
rail.
As illustrated in the example of Figure 40, external voltage sources
are applied to VDD11 and IOVDD pins.
Figure 40. Externally Sourced Supply Configuration
POWER-ON RESET (POR) MONITOR
The AD4081 power supply monitoring circuits inhibit the converter
functions and reset the configuration memory when supply con-
ditions are outside the specified operating limits. This function
ensures each device is in a deterministic state after power-up.
The power-on function is constructed from two independent voltage
monitors, the first measuring the core 1.1V supply and a second
measuring the voltage at the reference input pin (REFIN). Each
monitor has its own comparator output that is used to decouple the
analog and digital block resets as shown in Figure 41.
Figure 41. Simplified Diagram of POR Circuit
The core VDD (1.1V) supply monitor compares the VDD11 supply
voltage against a preset threshold of 0.93V. If the supply voltage
falls to less than this threshold, a reset signal, POR_D, asserts.
The digital logic reset signal, DIG_RESET, is defined as the logical
combination of the POR_D signal and (logical AND) the compliment
of the SPI software reset function. When either the POR_D signal
(VDD11 < 0.93V) or the SW RESET signal is asserted, the internal
digital circuitry is held in reset. When cleared, the contents of the
configuration registers are restored to the factory default settings.
The reference monitor compares the input voltage at REFIN against
a preset threshold of 2.7V. As illustrated in Figure 41, power for
the reference monitor circuit is supplied from the VDD33 supply.
However, it is important to note that a reference voltage below 2.6V
will cause the part to stop outputting conversion data results. To
recover the conversion process, the reference voltage needs to
be brought to 2.87V. For correct operation of the monitor circuit,
the VDD33 supply must be applied to the AD4081 within the
specified tolerance of 3.3V ± 5% before the reference source is
enabled. Assuming the device is operating within the specified
supply conditions, a reference voltage less than 2.7V results in the
assertion of an internal reset signal, POR_A. The POR_A signal
and (logical AND) the DIG_RESET signal are combined to produce
a reset (ANA_RESET) for the analog circuit blocks including the
ADC core, ADC timer, reference buffer, and so forth. If this reset
signal is asserted, the analog blocks are placed in an inactive state,
and the converter functionality is disabled. This event is indicated
with a value of 1 in the POR_ANA_FLAG bit from the Device
Status Register (Address 0x14). The state of the event detection is
persistent until a Logic 1 is written to the POR_ANA_FLAG bit to
clear the detection state.
POWER SUPPLY SEQUENCE
Table 10 specifies the recommended supply sequences for both
internal and external generation of 1.1V supply rails (IOVDD and
VDD11). Both methods are shown in Figure 42 and Figure 43,
where the supplies that must be provided to the AD4081 are
highlighted in blue, including the REFIN voltage. In both cases,
the AD4081 requires that the supplies are applied in ascending
voltage order. The design must also ensure that voltage is applied
at the analog inputs (IN+ and IN−) and reference input (REFIN)
concurrently with, or immediately following, the VDD33 supply.
Failing in providing REFIN reference voltage on power up will result
in no ADC conversions at the output of the ADC, and continue
to do so until REFIN voltage is provided. Note that test pattern
described in the Data Interface Test Functions section will not
work in the previously mentioned case when a voltage reference
is not provided at the power up. However, if reference voltage was
provided at power up and then removed the test pattern will still
work and output the correct data. As described in the Power-On
Reset (POR) Monitor section, the voltage at the reference input pin
must only be applied once VDD33 is within the specified supply
tolerance to avoid undesired behavior. Therefore, if the selected
voltage reference does not provide an enable pin, it is strongly rec-
ommended to design the reference circuit to power up after VDD33.
After reset or Power-On Reset there is 300us required before part
can be accessed, this is to assure part has all the initialization
procedures done. If this condition is not met, NOT_READY_ERR bit
will be asserted of the INTERFACE_STATUS_A (0x11).
The configuration SPI inputs, CS, SCLK, and SDI, are protected
with clamps to the VDD33 supply rail to allow the inputs to swing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com