Electronic Components Datasheet Search
  English  ▼

X  

AD4081 Datasheet(PDF) 17 Page - Analog Devices

Part # AD4081
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD4081 Datasheet HTML 13Page - Analog Devices AD4081 Datasheet HTML 14Page - Analog Devices AD4081 Datasheet HTML 15Page - Analog Devices AD4081 Datasheet HTML 16Page - Analog Devices AD4081 Datasheet HTML 17Page - Analog Devices AD4081 Datasheet HTML 18Page - Analog Devices AD4081 Datasheet HTML 19Page - Analog Devices AD4081 Datasheet HTML 20Page - Analog Devices AD4081 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 95 page
background image
Data Sheet
AD4081
TERMINOLOGY
analog.com
Rev. 0 | 17 of 95
Integral Nonlinearity Error (INL)
INL refers to the deviation of each output code from a line drawn
between points at negative full scale and positive full scale. The
negative full-scale reference is defined by an input level equivalent
to ½ LSB prior to the first code transition. The positive full-scale
reference is defined as an input level that is 1½ LSB beyond the
last code transition. The deviation is measured from the center of
each code relative to the straight line.
Differential Nonlinearity Error (DNL)
In an ideal ADC, code transitions occur at 1 LSB intervals. DNL is a
measure of the maximum deviation of any code from the ideal code
width. DNL is specified in terms of resolution for which no missing
codes are guaranteed.
Zero Error
Zero error is the difference between the ideal midscale voltage, 0V,
and the applied voltage producing the midscale output code, 0LSB.
Gain Error
Gain error is specified as the difference in the slope of the ADC
transfer characteristic vs. that of an ideal converter. In an ideal data
converter, the first code transition (100 … 00 to 100 … 01) occurs
½ LSB more than the nominal negative full-scale input (−2.999997V
for a ±3.0V range at 20 bits) and the last code transition (011 …
10 to 011 … 11) occurs 1½ LSB less than the nominal positive
full-scale input (+2.999991V for a ±3.0V range at 20 bits).
Signal-to-Noise Ratio (SNR)
SNR is the computed ratio of the fundamental signal amplitude
measured in RMS volts and the root sum of squares of all other
spectral components in the Nyquist bandwidth (f < fS/2) excluding
harmonics and DC components. The computed value of SNR is
converted into a logarithmic scale and expressed in decibels (dB).
Signal-to-Noise-and-Distortion (SINAD) Ratio
SINAD is the computed ratio of the fundamental signal amplitude
measured in RMS volts and the root sum of squares of all other
spectral components in the Nyquist bandwidth (f < fS/2) including
harmonic components but excluding the DC component. The com-
puted value of SINAD is converted into a logarithmic scale and
expressed in decibels (dB).
Total Harmonic Distortion (THD)
THD is the ratio of the RMS sum of the amplitudes of the first five
harmonic components to the RMS amplitude of a full-scale input
signal expressed in decibels (dB).
Spurious-Free Dynamic Range (SFDR)
SFDR is the ratio between the RMS amplitude of the input signal
and the peak spurious signal amplitude, expressed in decibels (dB).
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fA and
fB, any active device with nonlinearities creates distortion products
at sum and difference frequencies of m × fA and n × fB, where
m, n = 0, 1, 2, 3, and so on. Intermodulation distortion terms are
those for which neither m nor n are equal to 0. For example,
the second-order terms include (fA + fB) and (fA − fB), and the
third-order terms include (2fA + fB), (2fA − fB), (fA + 2fB), and (fA −
2fB).
The AD4081 is tested where two input frequencies near the top
end of the input bandwidth are used. In this case, the second-order
terms are usually distanced in frequency from the original sine
waves, and the third-order terms are usually at a frequency close to
the input frequencies. As a result, the second-order and third-order
terms are specified separately. The calculation of the intermodula-
tion distortion is as per the THD specification, where it is the ratio
of the RMS sum of the individual distortion products to the RMS
amplitude of the sum of the fundamentals, expressed in decibels.
Power Supply Rejection Ratio (PSRR)
PSRR is a measure of the sensitivity of the ADC to variations in the
specified power supply rail vs. frequency. PSRR is computed as the
ratio of the observed change in the output code in RMS volts to the
RMS magnitude of the perturbing signal coupled to the supply. The
resulting ratio is reported in decibels (dB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com