Electronic Components Datasheet Search
  English  ▼

X  

AD4081 Datasheet(PDF) 21 Page - Analog Devices

Part # AD4081
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD4081 Datasheet HTML 17Page - Analog Devices AD4081 Datasheet HTML 18Page - Analog Devices AD4081 Datasheet HTML 19Page - Analog Devices AD4081 Datasheet HTML 20Page - Analog Devices AD4081 Datasheet HTML 21Page - Analog Devices AD4081 Datasheet HTML 22Page - Analog Devices AD4081 Datasheet HTML 23Page - Analog Devices AD4081 Datasheet HTML 24Page - Analog Devices AD4081 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 95 page
background image
Data Sheet
AD4081
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 95
Table 8. Recommended Input Filter Configurations
fS (MSPS)
Target Accuracy (Bit)
Required Bandwidth (MHz)
RFILTIN (Ω)
CFILTIN (pF)
RFILTAUX (Ω)
CFILTAUX (pF)
20
20
40
25
82
100
20
20
18
36
25
82
100
20
10
20
20
25
100
100
40
REFERENCE BUFFER AND COMMON-MODE
OUTPUT
The AD4081 integrates a charge reservoir capacitor (CREF) and a
low-drift reference buffer at the reference input pin (REFIN), elimi-
nating the need for dedicated external components and enabling
multiple AD4081 devices to share a single voltage reference.
The integrated capacitor (CREF) has a capacitance of 9.4μF ± 20%,
and it is constructed from commercially available, multilayer, high
dielectric (X6S), ceramic capacitors. CREF serves as the primary
charge reservoir for the data converter. Integrated, in-package com-
ponents, such as CREF, minimize the overall solution area, mitigate
potential performance errors introduced by factors like component
selection, reduce placement and routing challenges, and in general,
reduce the engineering effort to the first design success.
Additional external capacitance (CRSV) can be placed across the
REFIN and REFGND pins for improved charge capacity and noise
rejection as required. As with all precision circuits, the placement
of the external reference capacitors must be as close to the device
pins as possible on the same side of the PCB. The routing between
the capacitor and device pins must minimize the series impedance
in each routing path.
Figure 37. REFIN and CMO Internal Equivalent Circuit and Typical
Application
The AD4081 internally generates a common-mode reference volt-
age of one-half of VREFIN that is output through the CMO pin. The
absolute error in the CMO output voltage is guaranteed to be less
than ±20mV. The CMO output is used to set the common-mode
output voltage of the analog front-end stage driving the AD4081
inputs, ensuring the AD4081 common-mode input requirement is
satisfied. The CMO output must be filtered with an RC LPF to limit
the total output noise as illustrated in Figure 37 (see RCMF and
CCMF).
The output is generated using a resistive divider connected to the
reference buffer output. The resulting output impedance at the CMO
pin is typically 700Ω. Due to the limited drive capability at the
CMO pin, the external load must be carefully considered to avoid
excessive start-up times or absolute errors. The CMO output may
be directly connected to a high impedance common-mode input
of a fully differential amplifier driving the AD4081, assuming the
charging time for the preceding noise limiting filter does not impact
the start-up time required for the application. In general, consider
CMO buffering for the following situations:
►
The VDD33 power rail of the AD4081 is frequently cycled.
►
Short start-up settling times are required.
►
If the external load on CMO exceeds 30μA (RL < 45kΩ). See
Figure 26 for the typical load regulation information.
POWER SUPPLIES
The power requirements for the AD4081 are distributed across
a minimum of three supply domains including a 3.3V analog cir-
cuit domain (VDD33), a 1.1V core supply (VDD11), and a 1.1V
domain for the digital interface (IOVDD). An optional fourth supply
rail (VDDLDO) can be used to supply power to two integrated
voltage regulator used to internally power the 1.1V core (VDD11)
and interface (IOVDD) rails. Each of these two regulators can be
independently turned off by software. For all details and design
considerations when using the internal voltage regulators, see the
Internally Regulated Supply Configuration section. On the other
hand, for applications that will not use internal regulators see
the Externally Generated Supply Configuration section for further
details.
Power for the VDD33 supply rail must be supplied from an external
source and must only be applied once power is supplied to the 1.1V
supply rails as described in the Power Supply Sequence section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com