Electronic Components Datasheet Search
  English  ▼

X  

AD4081BBCZ Datasheet(PDF) 50 Page - Analog Devices

Part # AD4081BBCZ
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081BBCZ Datasheet(HTML) 50 Page - Analog Devices

Back Button AD4081BBCZ Datasheet HTML 46Page - Analog Devices AD4081BBCZ Datasheet HTML 47Page - Analog Devices AD4081BBCZ Datasheet HTML 48Page - Analog Devices AD4081BBCZ Datasheet HTML 49Page - Analog Devices AD4081BBCZ Datasheet HTML 50Page - Analog Devices AD4081BBCZ Datasheet HTML 51Page - Analog Devices AD4081BBCZ Datasheet HTML 52Page - Analog Devices AD4081BBCZ Datasheet HTML 53Page - Analog Devices AD4081BBCZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 95 page
background image
Data Sheet
AD4081
DIGITAL INTERFACE
analog.com
Rev. 0 | 50 of 95
LVDS Data Transfer Latency
Where the user is concerned in knowing the overall latency from
when an individual ADC conversion is initiated to the time when
the LSB has reached the host controller, it is important to consider
the data transfer latency. The total latency observed is the sum of
the ADC latency and the data transfer latency, in this case, the
LVDS_CNV_CLK_CNT is set to achieve minimum ADC latency.
Additional clock cycles more than the minimum required incur
additional LVDS clock cycles of latency to the overall latency, as is
shown in Figure 82.
The data transfer latency on the LVDS interface depends on the
following parameters:
►
LVDS clock period, tCLK
►
Number of active LVDS lanes, NLANES
►
Number of bits to be read, NBITS
Calculate the latency as follows:
Data Transfer Latency= NBITSNLANES×tCLK
For applications that require extremely low latencies, note that as
the data is transferred MSB to LSB in both single and dual lane
modes, and that there is no requirement to fully read a result from
the interface, the data transfer latency can be reduced for lower
resolution results (that is, NBITS can be chosen to be smaller than
the maximum 20 bits available).
Figure 82. LVDS Data Transfer Latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com