Electronic Components Datasheet Search
  English  ▼

X  

AD4081BBCZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD4081BBCZ
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081BBCZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD4081BBCZ Datasheet HTML 50Page - Analog Devices AD4081BBCZ Datasheet HTML 51Page - Analog Devices AD4081BBCZ Datasheet HTML 52Page - Analog Devices AD4081BBCZ Datasheet HTML 53Page - Analog Devices AD4081BBCZ Datasheet HTML 54Page - Analog Devices AD4081BBCZ Datasheet HTML 55Page - Analog Devices AD4081BBCZ Datasheet HTML 56Page - Analog Devices AD4081BBCZ Datasheet HTML 57Page - Analog Devices AD4081BBCZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 95 page
background image
Data Sheet
AD4081
DIGITAL FEATURES
analog.com
Rev. 0 | 54 of 95
OVERVIEW
The AD4081 includes several useful digital features that offer great
solution benefits to many applications. These features can be
individually enabled by the user, when required. A brief overview
follows for these features, in depth explanation and definition of
these features are found in the following sections.
►
Event Detection: This feature allows the detection when the
analog input has crossed user-configured thresholds. Such de-
tections can be flagged in the configuration registers, output to a
GPIO, or used to trigger the result FIFO.
►
Result FIFO: This feature allows the acquisition of records of
up to 16,384 conversion results into the on-chip memory. These
acquisitions can be read back to the host controller via LVDS
or the SPI data interface. The results stored in the FIFO can
be either unprocessed ADC results or those that have been
processed through the digital filter feature.
►
Digital Filter: This feature offers three different digital filter config-
urations, each with a wide range of decimation rates, allowing
oversampling benefits and the close control of the signal band-
width.
►
System Error Correction Coefficients: Although the AD4081 of-
fers excellent factory calibrated precision with minimal offset and
gain errors, this feature allows the user to correct for signal chain
that may be present within their application.
EVENT DETECTION
The AD4081 includes an event detection feature, whereby the user
can either indicate when a particular analog input threshold level
is crossed or monitor a GPIO configured as an input. An internally
generated event can then be used to set a flag in the configuration
memory or routed to a configured GPIO output to be used to alert
a host controller that a threshold condition is breached. It is also
possible for a user to route an external signal to the AD4081 to be
used as an external trigger. An internally or externally generated
event can also be used to trigger the integrated result FIFO (see
the Result FIFO section). The mechanism for this is explained
in the Event Detection for FIFO section. The threshold detection
compares a converted voltage code to a user-configured code
because this is done in a sample by sample basis, and events
immediately trigger, level hysteresis setting is also configurable to
prevent unwanted triggering.
Figure 83. Internally Generated Event Detection Signal Path
The Figure 83 serves as an aid with detailing the configuration and
operation of the event detection of the AD4081.
Table 26. Event Detection
INT_EVENT_EN Bit
(Address 0x1C)
Mode
Trigger Source
Comment
0
External event
GPIO_x_SEL = 4b1001, that is, configured for
EXT_EVENT
Event triggers when a logic high is detected on the
selected GPIO input.
1
Internal event
ADC Results threshold detection is enabled.
HI_THRESHOLD (Address 0x21 and Address 0x22) and
LO_THRESHOLD (Address 0x23 and Address 0x24) set
the upper and lower ADC result (or the digital filter result)
code threshold for the event to be triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com