Electronic Components Datasheet Search
  English  ▼

X  

AD4081BBCZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD4081BBCZ
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081BBCZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD4081BBCZ Datasheet HTML 20Page - Analog Devices AD4081BBCZ Datasheet HTML 21Page - Analog Devices AD4081BBCZ Datasheet HTML 22Page - Analog Devices AD4081BBCZ Datasheet HTML 23Page - Analog Devices AD4081BBCZ Datasheet HTML 24Page - Analog Devices AD4081BBCZ Datasheet HTML 25Page - Analog Devices AD4081BBCZ Datasheet HTML 26Page - Analog Devices AD4081BBCZ Datasheet HTML 27Page - Analog Devices AD4081BBCZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 95 page
background image
Data Sheet
AD4081
THEORY OF OPERATION
analog.com
Rev. 0 | 24 of 95
more than IOVDD. As a consequence of this architectural decision,
it is necessary to either drive the SPI inputs to ground or to other-
wise leave the inputs floating until VDD33 is greater than IOVDD
− 0.3V. Alternatively, the VDD33 source can be connected to the
device using a series power switch, like the ADP199, configured so
that the switch is open when the source is less than IOVDD − 0.3V,
eliminating the parasitic current path through the digital inputs to
VDD33.
Table 10. Recommended Supply Sequence
1.1 V Supplies (IOVDD and VDD11) Source
Supply Sequence
Internally Generated
1. VDDLDO
2. VDD33
Table 10. Recommended Supply Sequence (Continued)
1.1 V Supplies (IOVDD and VDD11) Source
Supply Sequence
3. Digital inputs
4. Input drive, reference
Externally Generated
1. IOVDD, VDD11
2. VDD33
3. Digital inputs
4. Input drive, reference
To power down the application circuit, the power-up sequence
specified in Table 10 should be reversed.
Figure 42. Power Supply Sequence, Internally Generated IOVDD, VDD11
Figure 43. Power Supply Sequence, Externally Generated IOVDD, VDD11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com