Electronic Components Datasheet Search
  English  ▼

X  

LM2596 Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # LM2596
Description  Simple high-efficiency step-down (buck) regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM2596 Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  LM2596 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 4Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 5Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 6Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 7Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 8Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 9Page - Estek Electronics Co. Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM2596
3AStep-Down VoltageRegulator
GENERAL DESCRIPTION
The LM2596 series of regulators are monolithic integrated
circuits that provide all the active functions for a step-down
(buck) switching regulator, capable of driving a 3A load with
excellent line and load regulation. These devices are available
in fixed output voltages of 3.3V, 5V, 12V, and an adjustable
output version.
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensation, and a fixed-frequency oscillator.
The LM2596 series operates at a switching frequency of 150
kHz thus allowing smaller sized filter components than what
would be needed with lower frequency switching regulators.
Available in a standard 5-lead TO-220 package with several
different lead bend options, and a 5-lead TO-263 surface mount
package.
A standard series of inductors are available from several
different manufacturers optimized for use with the LM2596
series. This feature greatly simplifies the design of switch-mode
power supplies.
Other features include a guaranteed
±4% tolerance on output
voltage under specified input voltage and output load
conditions, and
±15% on the oscillator frequency. External
shutdown is included, featuring typically 80 µA standby
current. Self protection features include a two stage frequency
reducing current limit for the output switch and an over
temperature shutdown for complete protection under fault
conditions.
FEATURES
• 3.3V, 5V, 12V, and adjustable output versions
• Adjustable version output voltage range, 1.2V to 37V
• ±4% max over line and load conditions
• Available in TO-220 and TO-263 packages
• Guaranteed 3A output load current
• Input voltage range up to 40V
• Requires only 4 external components
• Excellent line and load regulation specifications
• 150 kHz fixed frequency internal oscillator
• TTL shutdown capability
• Low power standby mode, I
Q typically 80 µA
• High efficiency
• Uses readily available standard inductors
• Thermal shutdown and current limit protection
APPLICATIONS
• Simple high-efficiency step-down (buck) regulator
• On-card switching regulators
• Positive to negative converter
TYPICAL APPLICATION (Fixed Output Voltage Versions)
BLOCK DIAGRAM
+V
IN LM2596
5.0
+
C
IN
680 F
µ
L1
220 F
µ
C
OUT
+
12V
1
2
3
4
5
5.0V
+
-
+
-
150kHz
OSC
Active
capacitor
AMP
+
-
LATCH
DRIVER
COM
COM
-
+
-
+
START
UP
+
+
GM
R2
2.5V
FEEDBACK
ON/ OFF
V
IN
OUTPUT
GND
1
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - LM2596

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
3.0A, 150Khz, Step-Down Switching Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LM2596 TI-LM2596 Datasheet
4Mb / 42P
monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving a 3A load with excellent line and load regulation.
More results

Similar Description - LM2596

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Estek Electronics Co. L...
LM2576 ESTEK-LM2576 Datasheet
200Kb / 8P
Simple high-efficiency step-down (buck) regulator
logo
National Semiconductor ...
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Shenzhen Huazhimei Semi...
LM2575HV HMSEMI-LM2575HV Datasheet
2Mb / 13P
Simple high-efficiency step-down (buck) regulator
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
Simple high-efficiency step-down (buck) regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com