Electronic Components Datasheet Search
  English  ▼

X  

LM2596 Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # LM2596
Description  Simple high-efficiency step-down (buck) regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM2596 Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  LM2596 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 4Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 5Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 6Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 7Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 8Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 9Page - Estek Electronics Co. Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PIN FUNCTIONS
+VIN - This is the positive input supply for the IC switching
regulator. A suitable input bypass capacitor must be present at
this pin to minimize voltage transients and to supply the
switching currents needed by the regulator.
Ground - Circuit ground.
Output - Internal switch. The voltage at this pin switches
between (+VIN - VSAT ) and approximately -0.5V, with a duty
cycle of approximately VOUT /VIN. To minimize coupling to
sensitive circuitry, the PC board copper area connected to this
pin should be kept to a minimum.
Feedback —Senses the regulated output voltage to complete
the feedback loop.
ON/OFF - Allows the switching regulator circuit to be shut
down using logic level signals thus dropping the total input
supply current to approximately 80 µA. Pulling this pin below a
threshold voltage of approximately 1.3V turns the regulator on,
and pulling this pin above 1.3V (up to a maximum of 25V)
shuts the regulator down. If this shutdown feature is not needed,
the ON /OFF pin can be wired to the ground pin or it can be left
open, in either case the regulator will be in the ON condition.
ABSOLUTE MAXIMUM RATINGS (Note 1)
Maximum Supply Voltage
45V
ON /OFF Pin Input Voltage -0.3
≤ V ≤ +25V
Feedback Pin Voltage
-0.3
≤ V ≤+25V
Output Voltage to Ground
(Steady State)
-1V
Power Dissipation
Internally limited
Storage Temperature Range -65
0C to +1500C
ESD Susceptibility
Human Body Model (Note 2)
2 kV
Lead Temperature
S Package
Vapor Phase (60 sec.)
+215
0C
Infrared (10 sec.)
+245
0C
T Package (Soldering, 10 sec.)
+260
0C
Maximum Junction Temperature
+150
0C
OPERATING CONDITIONS
Temperature Range
-40
0C
≤T
J≤+125
0C
Supply Voltage
4.5V to 40V
LM2596-3.3
ELECTRICAL CHARACTERISTICS
Specifications with standard type face are for TJ = 25
0C, and those with boldface type apply over full Operating Temperature
Range
LM2596-3.3
Symbol
Parameter
Conditions
Typ
(Note 3)
Limit
(Note 4)
Units
(Limits)
SYSTEM PARAMETERS (Note 5)Test Circuit Figure 1
VOUT
Output Voltage
4.7V5
≤V
IN≤40V, 0.2A≤ILOAD≤3A
3.3
3.168/3.135
3.432/3.465
V
V(min)
V(max)
η
Efficiency
VIN=12V, ILOAD=3A
73
%
LM2596-5.0
ELECTRICAL CHARACTERISTICS
Specifications with standard type face are for TJ = 25
0C, and those with boldface type apply over full Operating Temperature
Range
LM2596-5.0
Symbol
Parameter
Conditions
Typ
(Note 3)
Limit
(Note 4)
Units
(Limits)
SYSTEM PARAMETERS (Note 5)Test Circuit Figure 1
VOUT
Output Voltage
7V
≤V
IN≤40V, 0.2A≤ILOAD≤3A
5.0
4.800/4.750
5.200/5.250
V
V(min)
V(max)
η
Efficiency
VIN=12V, ILOAD=3A
80
%
LM2596-12
ELECTRICAL CHARACTERISTICS
Specifications with standard type face are for TJ = 25
0C, and those with boldface type apply over full Operating Temperature
Range
LM2596-12
Symbol
Parameter
Conditions
Typ
(Note 3)
Limit
(Note 4)
Units
(Limits)
SYSTEM PARAMETERS (Note 5)Test Circuit Figure 1
VOUT
Output Voltage
15V
≤V
IN≤40V, 0.2A≤ILOAD≤3A
12.0
11.52/11.40
12.48/12.60
V
V(min)
V(max)
η
Efficiency
VIN=12V, ILOAD=3A
90
%
LM2596-ADJ
ELECTRICAL CHARACTERISTICS
2
BEIJING ESTEK ELECTRONICS CO.,LTD
LM2596
3AStep-Down VoltageRegulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com