Electronic Components Datasheet Search
  English  ▼

X  

LM2596 Datasheet(PDF) 3 Page - Estek Electronics Co. Ltd

Part # LM2596
Description  Simple high-efficiency step-down (buck) regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM2596 Datasheet(HTML) 3 Page - Estek Electronics Co. Ltd

  LM2596 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 4Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 5Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 6Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 7Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 8Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 9Page - Estek Electronics Co. Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Specifications with standard type face are for TJ = 25
0C, and those with boldface type apply over full Operating
Temperature Range
LM2596-ADJ
Symbol
Parameter
Conditions
Typ
(Note 3)
Limit
(Note 4)
Units
(Limits)
SYSTEM PARAMETERS (Note 5)Test Circuit Figure 1
VOUT
Output Voltage
4.5V
≤V
IN≤40V, 0.2A≤ILOAD≤3A
VOUT programmed for 3V. Circuit of
Figure 1.
1.230
1.193/1.180
1.267/1.280
V
V(min)
V(max)
η
Efficiency
VIN=12V, VOUT=3V, ILOAD=3A
73
%
ALL OUTPUT VOLTAGE VERSIONS
ELECTRICAL CHARACTERISTICS
Specifications with standard type face are for TJ = 25
0C, and those with boldface type apply over full Operating Temperature
Range. Unless otherwise specified, VIN = 12V for the 3.3V, 5V, and Adjustable version and VIN = 24V for the 12V version. ILOAD
= 500 mA
LM2596-XX
Symbol
Parameter
Conditions
Typ
(Note 3)
Limit
(Note 4)
Units
(Limits)
DEVICE PARAMETERS
Ib
Feedback Bias Current
Adjustable Version Only, VFB=1.3V
10
50/100
nA
nA (max)
fO
Oscillator Frequency
(Note 6)
150
127/110
173/173
kHz
kHz (min)
kHz (max)
VSAT
Saturation Voltage
IOUT=3A (Notes 7, 8)
1.16
1.4/1.5
V
V (max)
DC
Max Duty Cycle (ON)
Min Duty Cycle (OFF)
(Note 8)
(Note 9)
100
0
%
ICL
Current Limit
Peak Current (Notes 7, 8)
4.5
3.6/3.4
6.9/7.5
A
A (min)
A (max)
Output=0V (Notes 7, 9)
50
µA (max)
IL
Output Leakage Current
Output=-0.9V (Note 10)
10
30
mA
mA (max)
IQ
Quiescent Current
(Note 9)
5
10
mA
mA (max)
ISTBY
Standby Quiescent
Current
ON/OFF pin=5V (OFF) (Note 10)
80
200/250
µA
µA (max)
θ
JC
Thermal Resistance
TO-220 or TO-263 Package, Junction to Case
2
0C/W
θ
JA
TO-220 Package, Junction to Ambient (Note 11)
50
0C/W
θ
JA
TO-263 Package, Junction to Ambient (Note 12)
50
0C/W
θ
JA
TO-263 Package, Junction to Ambient (Note 13)
30
0C/W
θ
JA
TO-263 Package, Junction to Ambient (Note 14)
20
0C/W
ON/OFF CONTROL Test Circuit Figure 1
VIH
VIL
ON/OFF Pin Logic Input
Threshold Voltage
Low (Regulator ON)
High (Regulator OFF)
1.3
0.6
2.0
V
V (max)
V (min)
IH
VLOGIC=2.5V (Regulator OFF)
5
15
µA
µA (max)
IL
ON/OFF Pin Input Current
VLOGIC=0.5V (Regulator ON)
0.02
5
µA
µA (max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate
conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed
specifications and test conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5k resistor into each pin.
Note 3: Typical numbers are at 25
0C and represent the most likely norm.
Note 4: All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room
temperature limits are 100% production tested. All limits at temperature extremes are guaranteed via correlation using standard
Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Note 5: External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can
affect switching regulator system performance. When the LM2596 is used as shown in the Figure 1 test circuit, system performance
will be as shown in system parameters section of Electrical Characteristics.
BEIJING ESTEK ELECTRONICS CO.,LTD
LM2596
3AStep-Down VoltageRegulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com