Electronic Components Datasheet Search
  English  ▼

X  

LM2596 Datasheet(PDF) 5 Page - Estek Electronics Co. Ltd

Part # LM2596
Description  Simple high-efficiency step-down (buck) regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM2596 Datasheet(HTML) 5 Page - Estek Electronics Co. Ltd

  LM2596 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 4Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 5Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 6Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 7Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 8Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 9Page - Estek Electronics Co. Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 1) (Continued)
Operating
Quiescent Current
Shutdown
Quiescent Current
Minimum Operating
Supply Voltage
ON/OFF Threshold
Voltage
ON/OFF Pin
Current (Sinking)
Switching Frequency
Feedback Pin
Bias Current
-50 -25
0
25 50 75
0
4
8
12
16
20
24
I= 0
SWITCH
0
10
20
30
40
120
100
80
60
40
20
0
SUPPLY VOLTAGE (V)
T= 25 C
J
0
V=5V
ON/ OFF
_
-50 -25
0
25
50 75
0
1
2
3
4
5
-50 -25
0
25
50 75
2.5
2.0
1.5
1.0
0.5
OFF
ON
8
7
6
5
4
3
2
1
0
0
5
10
15
20
25
ON/ OF PIN VOLTAGE (V)
__
-50 -25
0
25 50 75
160
155
150
145
140
135
130
-50 -25
0
25
50 75
-5.0
-2.5
0
2.5
5.0
7.5
10
ADJUSTABLE VERSION ONLY
5
BEIJING ESTEK ELECTRONICS CO.,LTD
LM2596
3AStep-Down VoltageRegulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com