Electronic Components Datasheet Search
  English  ▼

X  

TMF0064 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMF0064
Description  TMF0064 64Kbit Serial FRAM With SDQ Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0064 Datasheet(HTML) 4 Page - Texas Instruments

  TMF0064 Datasheet HTML 1Page - Texas Instruments TMF0064 Datasheet HTML 2Page - Texas Instruments TMF0064 Datasheet HTML 3Page - Texas Instruments TMF0064 Datasheet HTML 4Page - Texas Instruments TMF0064 Datasheet HTML 5Page - Texas Instruments TMF0064 Datasheet HTML 6Page - Texas Instruments TMF0064 Datasheet HTML 7Page - Texas Instruments TMF0064 Datasheet HTML 8Page - Texas Instruments TMF0064 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VPUP
DC voltage applied to data
–0.3
5.5
V
IOL
Low-level output current
30
mA
TSTG
Storage temperature
–40
125
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±250
ESD IEC 61000-4-2 Air discharge, SDQ and GND
±15000
V
(1)
JEDEC document JEP155 states that 500VHBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250VCDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VPUP
Operational pull-up voltage
3.13
5.25
V
RPUP
Serial communication interface pull-up resistance
500
Ω
TA
Operating free-air temperature
-10
85
°C
5.4 Thermal Information
THERMAL METRIC(1)
DRP (VSON)
TO-92 (LP)
UNIT
6 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
50.1
129.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
54.3
93.6
°C/W
RθJB
Junction-to-board thermal resistance
21.8
99.3
°C/W
ψJT
Junction-to-top characterization parameter
0.9
23.7
°C/W
ψJB
Junction-to-board characterization parameter
21.7
99.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.9
-
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
TMF0064
SLVSJQ6 – SEPTEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMF0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com