Electronic Components Datasheet Search
  English  ▼

X  

TMF0064 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMF0064
Description  TMF0064 64Kbit Serial FRAM With SDQ Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0064 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMF0064 Datasheet HTML 7Page - Texas Instruments TMF0064 Datasheet HTML 8Page - Texas Instruments TMF0064 Datasheet HTML 9Page - Texas Instruments TMF0064 Datasheet HTML 10Page - Texas Instruments TMF0064 Datasheet HTML 11Page - Texas Instruments TMF0064 Datasheet HTML 12Page - Texas Instruments TMF0064 Datasheet HTML 13Page - Texas Instruments TMF0064 Datasheet HTML 14Page - Texas Instruments TMF0064 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Figure 6-2. Target Address (TA1)
7
6
5
4
3
2
1
0
T7
T6
T5
T4
T3
T2
T2
T0
Figure 6-3. Target Address (TA2)
7
6
5
4
3
2
1
0
T15
T14
T13
T12
T11
T10
T9
T8
Figure 6-4. Ending Address with Data Status (E/S) (Read Only)
7
6
5
4
3
2
1
0
AA
0
PF
E4
E3
E2
E1
E0
6.3.4 Writing Data to the FRAM
The TMF0064 device does not allow writes to the FRAM memory directly by the host. Achieve writing to the
FRAM memory directly by the host by using the scratchpad as an interim repository. To write into the scratchpad,
the host first issues the Write Scratchpad command followed by the desired target address and the data to write
into the scratchpad. Depending on the conditions the Write Scratchpad Command section describes, the host
can receive an inverted CRC16 of the entire write scratchpad sequence (the write scratchpad is commanded,
the address and the data) at the end of the Write Scratchpad command sequence.
If the host receives the CRC16 value, the host can compare the received value to the expected computed
value. If there is a match, the write scratchpad communication is successful and the host decides on whether to
proceed to the Copy Scratchpad command.
If the host does not receive the CRC16 value, then the host can use the Read Scratchpad command to verify
integrity of the data stored in the scratchpad. After receiving the Read Scratchpad command, the TMF0064
initially transmits the contents of the target address registers (TA1, TA2) and the E/S register. If the PF flag is
set, or if the AA flag is set but PF flag cleared, the previous Write Scratchpad command is not successful. In
this case, the host can terminate the Read Scratchpad sequence and start another attempt to write data to the
scratchpad. If the previous Write Scratchpad is successful, both flags are cleared and the E[4:0] that is read
indicates the address of the last byte written to the scratchpad. In this case, the host can continue reading from
the TMF0064, verifying all the data bytes. If there is a match, the host can send the Copy Scratchpad command
followed by the exact data of the registers TA1, TA2, and E/S that the host obtained by reading the scratchpad.
At the end of the Copy Scratchpad sequence, if the authorization pattern matches, the TMF0064 starts copying
the scratchpad data to the requested location, provided copy protection is not set, the PF flag is cleared, and
there are no Read Memory or Extended Read Memory commands issued between Write and Copy Scratchpad
commands.
6.3.5 TMF0064 Device ID
The 64-bit ID identifies each TMF0064. The 48-bit serial number is unique and programmed by Texas
Instruments.
8b CRC
48-BIT SERIAL NUMBER
8b FAMILY CODE
MSB
LSB MSB
LSB MSB
LSB
Figure 6-5. 64 bit factory programmed EPROM
6.3.6 Bus Termination
The drive output of the TMF0064 is an open-drain, N-channel MOSFET. For proper operation, connect a 500Ω
external pull-up resistor on the SDQ bus (see Figure 7-1).
www.ti.com
TMF0064
SLVSJQ6 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMF0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com