Electronic Components Datasheet Search
  English  ▼

X  

TMF0064 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMF0064
Description  TMF0064 64Kbit Serial FRAM With SDQ Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0064 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMF0064 Datasheet HTML 8Page - Texas Instruments TMF0064 Datasheet HTML 9Page - Texas Instruments TMF0064 Datasheet HTML 10Page - Texas Instruments TMF0064 Datasheet HTML 11Page - Texas Instruments TMF0064 Datasheet HTML 12Page - Texas Instruments TMF0064 Datasheet HTML 13Page - Texas Instruments TMF0064 Datasheet HTML 14Page - Texas Instruments TMF0064 Datasheet HTML 15Page - Texas Instruments TMF0064 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
6.4 Device Functional Modes
6.4.1 Test Procedures for Functional Tests
This section outlines the specific test procedures used to obtain the parameters listed in the Functional Tests
section of the data sheet.
6.4.1.1 Multiple Target Configurations
This test verifies the operation of the TMF0064 in a multi-drop use case. Ensure that the host can communicate
with multiple devices on the SDQ bus. Verify that the presence of other DUTs does impact communication to the
selected DUT.
HOST
RPUP: 500Ω
VPUP: 3.13V to 5.25V
Target 1
SDQ
GND
Target 2
SDQ
GND
Target 3
SDQ
GND
Cable cap
1.7nF
Figure 6-6. Multiple Target Configuration
Successful communication implies executing the following sequence of instructions without failure:
1. Issue RESET in standard speed and check for a presence pulse.
2. Issue SEARCH ROM command to identify the IDs of targets on the SDQ bus.
3. Issue RESET in standard speed and check for presence pulse.
4. Select one of the targets by issuing MATCH ROM command with the specific ID of the target identified from
the SEARCH ROM command.
5. Issue MEMORY Commands to program or read from the memory.
6. Repeat steps 3, 4, and 5 for other target devices on the SDQ bus.
6.5 Programming
6.5.1 Serial Communication
The host reads, programs, or checks the status of the TMF0064 through the command structure of the SDQ
interface as shown in Figure 6-7. The command structure includes ROM and MEMORY commands.
TMF0064
SLVSJQ6 – SEPTEMBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMF0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com