Electronic Components Datasheet Search
  English  ▼

X  

TMF0064 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMF0064
Description  TMF0064 64Kbit Serial FRAM With SDQ Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0064 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMF0064 Datasheet HTML 9Page - Texas Instruments TMF0064 Datasheet HTML 10Page - Texas Instruments TMF0064 Datasheet HTML 11Page - Texas Instruments TMF0064 Datasheet HTML 12Page - Texas Instruments TMF0064 Datasheet HTML 13Page - Texas Instruments TMF0064 Datasheet HTML 14Page - Texas Instruments TMF0064 Datasheet HTML 15Page - Texas Instruments TMF0064 Datasheet HTML 16Page - Texas Instruments TMF0064 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
TMF0064
COMMAND LEVELS
ROM
COMMANDS
MEMORY
COMMANDS
READ ROM
MATCH ROM
SEARCH ROM
SKIP ROM
RESUME
OVERDRIVE SKIP ROM
OVERDRIVE MATCH ROM
COMMANDS
WRITE SCRATCHPAD
READ SCRATCHPAD
COPY SCRATCHPAD
READ MEMORY
EXTENDED READ MEMORY
Figure 6-7. Command Structure for the TMF0064
6.5.2 Initialization
The host always begins the transaction with the TMF0064 (target) through an initialization process. The
initialization process consists of two pulse: RESET and PRESENCE. The host generates the RESET pulse,
while the TMF0064 responds with the PRESENCE pulse. The host resets the TMF0064 by driving the SDQ bus
low for at least 480μs. The PRESENCE pulse alerts the host that there are one or more TMF0064 devices on
the bus that are ready for operation.
6.5.3 ROM Commands
After the host detects the presence of one or more target devices on the SDQ bus, the host can send one
of the 8-bit ROM function commands that the TMF0064 supports depending on the use case scenario. This
section describes the scenarios where each of the ROM command can be issued. See Figure 6-7 for list of these
commands.
6.5.3.1 READ ROM Command [33h]
The READ ROM command sequence (as Figure 6-8 shows) starts with the host generating the RESET pulse of
at least 480μs. The device responds with a PRESENCE pulse. Next, the host continues by issuing the READ
ROM command, 33h, and then reads back the 56-bit Family code and serial number followed by the 8-bit CRC
using the READ signaling (see the READ and WRITE signals section) during the data frame. The host can issue
the READ ROM command only if there is a single TMF0064 device on the SDQ bus. If the host issues the
command when there are more than 1 target device on the SDQ bus, then data collision occurs since all the
target devices try to respond to the host. The host can identify the data collision by comparing the CRC from the
READ ROM sequence with the computed CRC which results in a mismatch.
0
1
1
0
0
0
1
1
CRC (1 BYTE)
Reset
and
Presence
Signals
Read ROM (33h)
Family Code and Identification
Number (7 BYTES)
Figure 6-8. READ ROM Sequence
6.5.3.2 MATCH ROM Command [55h]
When there are multiple targets on the bus, the host uses the Match ROM command, 55h, to select a specific
target device when the family code and identification number is known. The host issues the Match ROM
command followed by the family code, serial number, and CRC byte. The target device that matches the 64-bit
serial ID is selected and available to perform subsequent memory function commands. The MATCH ROM
command can also be used with a single TMF0064 on the bus.
www.ti.com
TMF0064
SLVSJQ6 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMF0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com