Electronic Components Datasheet Search
  English  ▼

X  

TMP1075DR Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP1075DR
Description  TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP1075DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP1075DR Datasheet HTML 3Page - Texas Instruments TMP1075DR Datasheet HTML 4Page - Texas Instruments TMP1075DR Datasheet HTML 5Page - Texas Instruments TMP1075DR Datasheet HTML 6Page - Texas Instruments TMP1075DR Datasheet HTML 7Page - Texas Instruments TMP1075DR Datasheet HTML 8Page - Texas Instruments TMP1075DR Datasheet HTML 9Page - Texas Instruments TMP1075DR Datasheet HTML 10Page - Texas Instruments TMP1075DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
at TA = –55°C to +125°C and V+ = 1.7 V to 5.5 V (unless noted); typical specification are at TA = 25°C and V+=3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
IQ
Quiescent current (serial bus
inactive)
R1 = 0, R0 = 0 (default)
10
20
µA
R1 = 0, R0 = 1
5.5
9
µA
R1 = 1, R0 = 0
4
6
R1 = 1, R0 = 1
2.7
4
During 5.5 ms active conversion
52
85
µA
ISD
Shutdown current
Serial bus active, SCL frequency = 400 kHz,
A0=A1=A2=GND
13
µA
Serial bus inactive, A0=A1=A2=SCL=SDA=V+,
25°C
0.37
0.65
µA
Serial bus inactive, A0=A1=A2=SCL=SDA=V+
0.37
3.5
µA
Power supply thresholds
Supply rising, Power-on Reset
1.22
V
Supply failing, Brown-out Detect
1.1
(1)
Repeatability is the ability to reproduce a reading when the measured temperature is applied consecutively, under the same conditions.
(2)
One-shot mode setup, 1 sample per minute for 24 hours.
(3)
Long-term drift is determined using accelerated operational life testing at a junction temperature of 150°C.
6.6 Electrical Characteristics: TMP1075N
At TA = 25 °C and V+ = 1.62 to 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE SENSOR
Temperature Operating
Range
-40
125
°C
TERR
Temperature accuracy
-10 °C to 60 °C
0.25
±1
°C
-40 °C to 125°C
0.5
±2
PSR
DC power supply rejection
0.2
0.5
°C/V
TRES
Temperature resolution
Including sign bit
12
Bits
LSB
62.5
m°C
tCONV
Conversion time
10
15
ms
DIGITAL INPUT/OUTPUT
CIN
Input capacitance
3
pF
VIH
Input logic high level
0.7 × V+
3.6
V
VIL
Input logic low level
0.3 × V+
V
IIN
Input leakage current
0 V< V+ < 3.6 V
1
μA
VOL
Output low level
SDA, ALERT (V+ > 2 V, IOL = 3 mA)
0
0.4
V
VOL
Output low level
SDA, ALERT (V+ < 2 V, IOL = 3 mA)
0
0.2 x V+
V
POWER SUPPLY
V+
Operating supply range
1.62
3.6
V
IDD_AVG
Average current
consumption
Serial bus inactive
4.8
7.5
μA
Serial bus active, SCL frequency = 400 kHz
10
Serial bus active, SCL frequency = 2.85 MHz
40
IDD_SD Shutdown current
Serial bus inactive
0.15
0.35
μA
Serial bus active, SCL frequency = 400 kHz
5.5
μA
Serial bus active, SCL frequency = 2.85 MHz
35
μA
www.ti.com
TMP1075
SBOS854F – MARCH 2018 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMP1075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com