Electronic Components Datasheet Search
  English  ▼

X  

TMP1075DR Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP1075DR
Description  TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP1075DR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP1075DR Datasheet HTML 9Page - Texas Instruments TMP1075DR Datasheet HTML 10Page - Texas Instruments TMP1075DR Datasheet HTML 11Page - Texas Instruments TMP1075DR Datasheet HTML 12Page - Texas Instruments TMP1075DR Datasheet HTML 13Page - Texas Instruments TMP1075DR Datasheet HTML 14Page - Texas Instruments TMP1075DR Datasheet HTML 15Page - Texas Instruments TMP1075DR Datasheet HTML 16Page - Texas Instruments TMP1075DR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
7.3 Feature Description
7.3.1 Digital Temperature Output
The digital output from each temperature measurement conversion is stored in the read-only temperature
register. Which is a 12-bit, read-only register that stores the output of the most recent conversion. Two bytes
must be read to obtain data. However, only the first 12 MSBs are used to indicate temperature while the
remaining 4 LSB are set to zero. Table 7-1 lists the data format for the temperature. Negative numbers are
represented in binary two's-complement format. After power-up or reset, the temperature register reads 0°C until
the first conversion is complete.
Table 7-1. Temperature Data Format
TEMPERATURE
(°C)
DIGITAL OUTPUT
BINARY
HEX
127.9375
0111 1111 1111 0000
7FF0
100
0110 0100 0000 0000
6400
80
0101 0000 0000 0000
5000
75
0100 1011 0000 0000
4B00
50
0011 0010 0000 0000
3200
25
0001 1001 0000 0000
1900
0.25
0000 0000 0100 0000
0040
0.0625
0000 0000 0001 0000
0010
0
0000 0000 0000 0000
0000
–0.0625
1111 1111 1111 0000
FFF0
–0.25
1111 1111 1100 0000
FFC0
–25
1110 0111 0000 0000
E700
–50
1100 1110 0000 0000
CE00
–128
1000 000 0000 0000
8000
7.3.2 I2C and SMBus Serial Interface
The TMP1075 operates as a target device on the two-wire, SMBus and I2C interface-compatible bus.
Connections to the bus are made through the open-drain I/O line SDA and SCL input pin. The SDA and SCL
pins feature integrated spike suppression filters and Schmitt triggers to minimize the effects of input spikes and
bus noise. The TMP1075 supports the transmission protocol for fast mode up to 400 kHz and high-speed mode
up to 2.56 MHz. All data bytes are transmitted MSB first.
7.3.2.1 Bus Overview
The device that initiates the data transfer is called a host, and the devices controlled by the host are the target.
The bus must be controlled by a host device that generates the SCL that controls the bus access and generates
the START and STOP conditions.
To address a specific device, a START condition is initiated. This is indicated by the host pulling the data line
SDA from a high to low logic level when SCL is high. All target devices on the bus shift in the device address
byte on the rising edge of the clock with the last bit indicating whether a read or write operation is intended.
During the ninth clock pulse, the device being addressed responds to the host by generating an Acknowledge
and pulling SDA low.
Data transfer is then initiated and sent over eight clock pulses followed by an Acknowledge bit. During data
transfer, SDA must remain stable when SCL is high because any change in SDA when SCL is high is interpreted
as a control signal.
When all data are transferred, the host generates a STOP condition indicated by pulling SDA from low to high
logic level when SCL is high.
www.ti.com
TMP1075
SBOS854F – MARCH 2018 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP1075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com