Electronic Components Datasheet Search
  English  ▼

X  

TMP1075DR Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP1075DR
Description  TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP1075DR Datasheet(HTML) 1 Page - Texas Instruments

  TMP1075DR Datasheet HTML 1Page - Texas Instruments TMP1075DR Datasheet HTML 2Page - Texas Instruments TMP1075DR Datasheet HTML 3Page - Texas Instruments TMP1075DR Datasheet HTML 4Page - Texas Instruments TMP1075DR Datasheet HTML 5Page - Texas Instruments TMP1075DR Datasheet HTML 6Page - Texas Instruments TMP1075DR Datasheet HTML 7Page - Texas Instruments TMP1075DR Datasheet HTML 8Page - Texas Instruments TMP1075DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard
LM75 Form Factor and Pinout
1 Features
• Temperature accuracy:
– ±0.25°C (typical) from −55°C to 125°C
– ±1°C (maximum) from −40 °C to 110°C
– ±2°C (maximum) from −55°C to 125°C
• Low power consumption:
– 2.7μA Average current
– 0.37μA Shutdown current
• Supply range options from: 1.62V to 5.5V
• Temperature independent of supply
• Digital interface: SMBus, I2C
• Software compatibility with industry standard LM75
and TMP75
• Can coexist in I3C mixed fast mode bus
• Resolution: 12 Bits
• Supports up to 32 I2C addresses
• ALERT pin function
• NIST traceability
2 Applications
• Power-supply temperature monitoring
• Connected peripherals & printers
• PC and notebooks
• Mobile phones
• Battery management
• Enterprise machine
• Thermostat
• Wireless environmental sensor and HVAC
• Electro mechanical device temperature
3 Description
The TMP1075 is the most accurate and lowest
power replacement to the industry standard LM75
and TMP75 digital temperature sensors. Available
in SOIC-8, VSSOP-8, WSON-8, and SOT563-6
packages, the TMP1075 offers pin-to-pin and
software compatibility to quickly upgrade any existing
xx75 design. The TMP1075 additional new packages
are a 2.0mm × 2.0mm DFN and a 1.6mm × 1.6mm
SOT563-6 reducing the printed circuit board (PCB)
footprint by 82% and 89% compared to the SOIC
package, respectively.
The TMP1075 has a ±1°C accuracy over a
wide temperature range and offers an on-chip 12-
bit analog-to-digital converter (ADC) providing a
temperature resolution of 0.0625°C.
Compatible with two-wire SMBus and I2C interfaces,
the TMP1075 support up to 32 device addresses and
provides SMBus Reset and Alert function.
The TMP1075 D, DGK, and DSG packages are
specified for operation over a temperature range of
−55°C to 125°C and the TMP1075N DRL package is
specified over the −40°C to 125°C temperature range.
The TMP1075 units are 100% tested on a production
setup that is NIST traceable and verified with
equipment that is calibrated to ISO/IEC 17025
accredited standards.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TMP1075
VSSOP (DGK, 8)
3.00mm × 4.90mm
SOIC (D, 8)
4.90mm × 6.00mm
WSON (DSG, 8)
2.00mm × 2.00mm
SOT563 (DRL, 6)(3)
1.60mm × 1.60mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
Available as the TMP1075N orderable.
Two-Wire
Host Controller
Supply Voltage
1.7V to 5.5V (TMP1075)
1.62V to 3.6V (TMP1075N)
Supply Bypass
Capacitor
0.01µF
Pullup Resistors
5k
SDA
SCL
ALERT
GND
V+
A0
A2*
A1*
*Pin is not available on
TMP1075N
Simplified Schematic
Temperature (qC)
-55
-35
-15
5
25
45
65
85
105
125
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
D00X
Average
Average r3V
Min/Max Limit
DGK and D packages
Temperature Accuracy
TMP1075
SBOS854F – MARCH 2018 – REVISED JUNE 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP1075DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP1075DR TI1-TMP1075DR Datasheet
1,009Kb / 31P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075DR TI1-TMP1075DR Datasheet
2Mb / 40P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075DR TI-TMP1075DR Datasheet
3Mb / 48P
TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
More results

Similar Description - TMP1075DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP175-Q1 TI1-TMP175-Q1 Datasheet
446Kb / 31P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
TMP275 TI1-TMP275_15 Datasheet
1,012Kb / 33P
TMP275 짹0.5째C Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
logo
Delta Electronics, Inc.
V48SR1R225 DELTA-V48SR1R225 Datasheet
528Kb / 14P
Industry standard footprint and pinout
logo
Texas Instruments
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com