Electronic Components Datasheet Search
  English  ▼

X  

TMUX1101 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMUX1101
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1101 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX1101 Datasheet HTML 12Page - Texas Instruments TMUX1101 Datasheet HTML 13Page - Texas Instruments TMUX1101 Datasheet HTML 14Page - Texas Instruments TMUX1101 Datasheet HTML 15Page - Texas Instruments TMUX1101 Datasheet HTML 16Page - Texas Instruments TMUX1101 Datasheet HTML 17Page - Texas Instruments TMUX1101 Datasheet HTML 18Page - Texas Instruments TMUX1101 Datasheet HTML 19Page - Texas Instruments TMUX1101 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
7.7 Bandwidth
Bandwidth is defined as the range of frequencies that are attenuated by less than 3dB when the input is
applied to the source pin (S) of an on-channel, and the output is measured at the drain pin (D) of the device.
The characteristic impedance, Z0, for the measurement is 50Ω. Figure 7-7 shows the setup used to measure
bandwidth.
GND
NETWORK
ANALYZER
VOUT
S
D
50Ÿ
VSIG
RL
50Ÿ
VS
VDD
0.1µF
VDD
Figure 7-7. Bandwidth Measurement Setup
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX1101 TMUX1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com