Electronic Components Datasheet Search
  English  ▼

X  

TMUX1101 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMUX1101
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1101 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX1101 Datasheet HTML 9Page - Texas Instruments TMUX1101 Datasheet HTML 10Page - Texas Instruments TMUX1101 Datasheet HTML 11Page - Texas Instruments TMUX1101 Datasheet HTML 12Page - Texas Instruments TMUX1101 Datasheet HTML 13Page - Texas Instruments TMUX1101 Datasheet HTML 14Page - Texas Instruments TMUX1101 Datasheet HTML 15Page - Texas Instruments TMUX1101 Datasheet HTML 16Page - Texas Instruments TMUX1101 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
7 Parameter Measurement Information
7.1 On-Resistance
The on-resistance of a device is the ohmic resistance between the source (S) and drain (D) pins of the
device. The on-resistance varies with input voltage and supply voltage. The symbol RON is used to denote
on-resistance. The measurement setup used to measure RON is shown in Figure 7-1. Voltage (V) and current
(ISD) are measured using this setup, and RON is computed with RON = V / ISD:
V
D
VS
ISD
S
Figure 7-1. On-Resistance Measurement Setup
7.2 Off-Leakage Current
There are two types of leakage currents associated with a switch during the off state:
1. Source off-leakage current
2. Drain off-leakage current
Source leakage current is defined as the leakage current flowing into or out of the source pin when the switch is
off. This current is denoted by the symbol IS(OFF).
Drain leakage current is defined as the leakage current flowing into or out of the drain pin when the switch is off.
This current is denoted by the symbol ID(OFF).
The setup used to measure both off-leakage currents is shown in Figure 7-2.
VDD
VDD
S
GND
D
VD
ID (OFF)
A
VDD
VDD
D
GND
S
VS
IS (OFF)
A
VS
VD
Figure 7-2. Off-Leakage Measurement Setup
www.ti.com
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX1101 TMUX1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com