Electronic Components Datasheet Search
  English  ▼

X  

TMUX1101 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMUX1101
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1101 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX1101 Datasheet HTML 22Page - Texas Instruments TMUX1101 Datasheet HTML 23Page - Texas Instruments TMUX1101 Datasheet HTML 24Page - Texas Instruments TMUX1101 Datasheet HTML 25Page - Texas Instruments TMUX1101 Datasheet HTML 26Page - Texas Instruments TMUX1101 Datasheet HTML 27Page - Texas Instruments TMUX1101 Datasheet HTML 28Page - Texas Instruments TMUX1101 Datasheet HTML 29Page - Texas Instruments TMUX1101 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
10 Device and Documentation Support
10.1 Documentation Support
10.1.1 Related Documentation
For related documentation, see the following:
• Texas Instruments, Sample and Hold Glitch Reduction for Precision Outputs Reference Design.
• Texas Instruments, True Differential, 4 x 2 MUX, Analog Front End, Simultaneous-Sampling ADC Circuit.
• Texas Instruments, Improve Stability Issues with Low CON Multiplexers.
• Texas Instruments, Simplifying Design with 1.8V logic Muxes and Switches.
• Texas Instruments, Eliminate Power Sequencing with Powered-off Protection Signal Switches.
• Texas Instruments, System-Level Protection for High-Voltage Analog Multiplexers.
10.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
10.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
10.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
10.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
10.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
11 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (November 2019) to Revision D (February 2024)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Updated Is or Id (Continuous Current) values....................................................................................................4
• Added Ipeak values to Recommended Operating Conditions table................................................................... 4
Changes from Revision B (August 2019) to Revision C (November 2019)
Page
• Added links in the applications section...............................................................................................................1
• Added setting for TMUX1101 and TMUX1102 DBV package RTM....................................................................1
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX1101 TMUX1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com