Electronic Components Datasheet Search
  English  ▼

X  

TMUX1101 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMUX1101
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1101 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMUX1101 Datasheet HTML 5Page - Texas Instruments TMUX1101 Datasheet HTML 6Page - Texas Instruments TMUX1101 Datasheet HTML 7Page - Texas Instruments TMUX1101 Datasheet HTML 8Page - Texas Instruments TMUX1101 Datasheet HTML 9Page - Texas Instruments TMUX1101 Datasheet HTML 10Page - Texas Instruments TMUX1101 Datasheet HTML 11Page - Texas Instruments TMUX1101 Datasheet HTML 12Page - Texas Instruments TMUX1101 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
6.8 Electrical Characteristics (VDD = 1.2V ±10 %) (continued)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
IS(OFF)
Source off leakage current(1)
VDD = 1.32V
Switch Off
VD = 1V / 0.8V
VS = 0.8V / 1V
Refer to Off-leakage current
25°C
–0.05 ±0.001
0.05
nA
–40°C to +85°C
–0.2
0.2
nA
–40°C to +125°C
–0.9
0.9
nA
ID(OFF)
Drain off leakage current(1)
VDD = 1.32V
Switch Off
VD = 1V / 0.8V
VS = 0.8V / 1V
Refer to Off-leakage current
25°C
–0.05 ±0.001
0.05
nA
–40°C to +85°C
–0.2
0.2
nA
–40°C to +125°C
–0.9
0.9
nA
ID(ON)
IS(ON)
Channel on leakage current
VDD = 1.32V
Switch On
VD = VS = 1V / 0.8V
Refer to On-leakage current
25°C
–0.1 ±0.005
0.1
nA
–40°C to +85°C
–0.35
0.35
nA
–40°C to +125°C
–2
2
nA
LOGIC INPUTS (SEL)
VIH
Input logic high
–40°C to +125°C
0.96
5.5
V
VIL
Input logic low
–40°C to +125°C
0
0.36
V
IIH
IIL
Input leakage current
25°C
±0.005
µA
IIH
IIL
Input leakage current
–40°C to +125°C
±0.05
µA
CIN
Logic input capacitance
25°C
1
pF
CIN
Logic input capacitance
–40°C to +125°C
2
pF
POWER SUPPLY
IDD
VDD supply current
Logic inputs = 0V or 5.5V
25°C
0.001
µA
–40°C to +125°C
0.38
µA
DYNAMIC CHARACTERISTICS
tTRAN
Transition time from control input
VS = 1V
RL = 200Ω, CL = 15pF
Refer to Transition time
25°C
55
ns
–40°C to +85°C
190
ns
–40°C to +125°C
190
ns
QC
Charge Injection
VS = 1V
RS = 0Ω, CL = 1nF
Refer to Charge injection
25°C
–1.5
pC
OISO
Off Isolation
RL = 50Ω, CL = 5pF
f = 1MHz
Refer to Off isolation
25°C
–62
dB
RL = 50Ω, CL = 5pF
f = 10MHz
Refer to Off isolation
25°C
–42
dB
BW
Bandwidth
RL = 50Ω, CL = 5pF
Refer to Bandwidth
25°C
300
MHz
CSOFF
Source off capacitance
f = 1MHz
25°C
6
pF
CDOFF
Drain off capacitance
f = 1MHz
25°C
10
pF
CSON
CDON
On capacitance
f = 1MHz
25°C
17
pF
(1)
When VS is 1V, VD is 0.8V or when VS is 0.8V, VD is 1V.
www.ti.com
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TMUX1101 TMUX1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com