Electronic Components Datasheet Search
  English  ▼

X  

TPA3136D2 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPA3136D2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPA3136D2 Datasheet HTML 13Page - Texas Instruments TPA3136D2 Datasheet HTML 14Page - Texas Instruments TPA3136D2 Datasheet HTML 15Page - Texas Instruments TPA3136D2 Datasheet HTML 16Page - Texas Instruments TPA3136D2 Datasheet HTML 17Page - Texas Instruments TPA3136D2 Datasheet HTML 18Page - Texas Instruments TPA3136D2 Datasheet HTML 19Page - Texas Instruments TPA3136D2 Datasheet HTML 20Page - Texas Instruments TPA3136D2 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
7.3 Feature Description
7.3.1 Analog Gain
The analog gain of the TPA3139D2 can be changed by GAIN_SEL pin. Low Level, Gain = 20 dB; High Level,
Gain = 26 dB.
7.3.2 SD/ FAULT and MUTE Operation
The TPA3139D2 device employs a shutdown mode of operation designed to reduce supply current (ICC) to the
absolute minimum level during periods of nonuse for power conservation. The SD/ FAULT input pin should be
held high (see Section 6 table for trip point) during normal operation when the amplifier is in use. Pulling SD/
FAULT low causes the outputs to mute and the amplifier to enter a low-current state. Never leave SD/ FAULT
unconnected, because the amplifier operation would be unpredictable.
For the best power-off pop performance, place the amplifier in the shutdown or mute mode prior to removing the
power supply voltage.
For some single ended input application case, suggest to mute the device first then release SD/ FAULT, then
umute the output. This sequence power-up sequence with best pop performance.
7.3.3 PLIMIT
If selected, the PLIMIT operation limits the output voltage to a level below the supply rail. If the amplifier operates
like it is powered by a lower supply voltage, then it limits the output power by voltage clipping. Add a resistor
divider from GVDD to ground to set the threshold voltage at the PLIMIT pin.
Figure 7-1. PLIMIT Circuit Operation
The PLIMIT circuit sets a limit on the output peak-to-peak voltage. The limiting is done by limiting the duty cycle
to a fixed maximum value. The limit can be thought of as a "virtual" voltage rail which is lower than the supply
connected to PVCC. The "virtual" rail is approximately 5.7 times (with BD mode) and 11.4 times (with 1SPW
mode) the voltage at the PLIMIT pin. The output voltage can be used to calculate the maximum output power for
a given maximum input voltage and speaker impedance.
2
L
P
L
S
OUT
L
R
V
R + 2
R
P
=
for unclipped power
2
R
æ
ö
æ
ö
´
ç
÷
ç
÷
ç
÷
´
è
ø
è
ø
´
(1)
where
• POUT (10%THD) = 1.25 × POUT (unclipped)
• RL is the load resistance.
• RS is the total series resistance including RDS(on), and output filter resistance.
• VP is the peak amplitude, which is limited by "virtual" voltage rail.
www.ti.com
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com