Electronic Components Datasheet Search
  English  ▼

X  

TPA3136D2 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPA3136D2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3136D2 Datasheet HTML 6Page - Texas Instruments TPA3136D2 Datasheet HTML 7Page - Texas Instruments TPA3136D2 Datasheet HTML 8Page - Texas Instruments TPA3136D2 Datasheet HTML 9Page - Texas Instruments TPA3136D2 Datasheet HTML 10Page - Texas Instruments TPA3136D2 Datasheet HTML 11Page - Texas Instruments TPA3136D2 Datasheet HTML 12Page - Texas Instruments TPA3136D2 Datasheet HTML 13Page - Texas Instruments TPA3136D2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
2
4
6
8
12
14
16
18
D011
PVCC = 8 V
PVCC = 12 V
Load = 4 Ω
Figure 6-7. Efficiency vs Output Power (BTL)
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
2
4
6
8
12
14
16
18
D012
PVCC = 8 V
PVCC = 12 V
A.
Load = 8 Ω
Figure 6-8. Efficiency vs Output Power (BTL)
Supply Voltage (V)
10
15
20
25
30
35
40
45
50
55
60
7
9
5
15
11
13
3
BD
1SPW
Load = 8 Ω, 1SPW and BD
Figure 6-9. Idle Power vs Supply Voltage (BTL)
Frequency (Hz)
0
-125
4
-75
8
-25
12
25
16
75
20
125
24
175
28
225
32
275
36
325
100
1k
10k
20
20k
D007
D007
Gain
Phase
A.
AVCC= PVCC = 12 V
Load = 6 Ω + 47 µH
Figure 6-10. Gain and Phase vs Frequency (BTL)
f - Frequency - Hz
-120
-100
-80
-60
-40
-20
0
10k
20k
1k
100
20
D010
D010
CH2 to CH1
CH1 to CH2
AVCC=PVCC = 12 V, 1 W
Load = 6 Ω + 47 µH
Figure 6-11. Crosstalk vs Frequency (BTL)
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
2
4
6
8
12
14
16
18
D041
PVCC = 8 V
PVCC = 12 V
A.
Load = 8 Ω
Ferrite Bead Filter
Figure 6-12. Efficiency vs Output Power, 8 Ω
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com