Electronic Components Datasheet Search
  English  ▼

X  

TPA3136D2 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPA3136D2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPA3136D2 Datasheet HTML 18Page - Texas Instruments TPA3136D2 Datasheet HTML 19Page - Texas Instruments TPA3136D2 Datasheet HTML 20Page - Texas Instruments TPA3136D2 Datasheet HTML 21Page - Texas Instruments TPA3136D2 Datasheet HTML 22Page - Texas Instruments TPA3136D2 Datasheet HTML 23Page - Texas Instruments TPA3136D2 Datasheet HTML 24Page - Texas Instruments TPA3136D2 Datasheet HTML 25Page - Texas Instruments TPA3136D2 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The TPA3139D2 device is designed for use in inductor-free applications with limited distance wire length
between amplifier and speakers, suitable for applications such as TV sets, sound docks and Bluetooth speakers.
The TPA3139D2 device can either be configured in stereo or mono mode. Depending on the output power
requirements and necessity for (speaker) load protection, the built-in PLIMIT circuit can be used to control the
system power, see functional description of these features.
8.2 Typical Applications
S1
SHUTDOWN
100k
R9
PVCC
GND
GND
LINP
RINN
RINP
TP3
LINP
4
3
1
J4
LIN
PVCC
PVCC
1uF
35V
C1
GND
GND
GND
PVCC
GND
GND
GND
GND
TP4
LINN
GND
4
3
1
J9
RIN
TP8
RINN
100k
R6
PLIMIT ADJ
10.0k
R5
GND
TP6
PLIMIT
GND
LINP
LINN
RINP
RINN
PLIMIT
GAIN_SEL
SD/FAULT
OUTPL
OUTNL
OUTNR
OUTPR
1000pF
100V
C6
1000pF
50V
C7
OUTL+
OUTL-
OUTR-
OUTR+
GND
GND
OUTPL
GND
1000pF
100V
C13
1000pF
50V
C14
GND
GND
GND
1000pF
100V
C22
1000pF
50V
C23
GND
GND
GND
1000pF
100V
C27
1000pF
50V
C28
GND
GND
GND
OUTPR
OUTNL
MODE_SEL
OUTNR
330pF
50V
C26
330pF
50V
C21
330pF
50V
C12
330pF
50V
C5
LINN
TP7
RINP
TP9
SHUTDOWNz
TP5
GVDD
PVCCL
PVCCR
PVCC
GND
IN = 20dB Gain
OUT = 26dB Gain
100k
R12
PVCC
GND
IN = BD
OUT = Low Idle Current
100k
R13
J6
LGND
J10
RGND
J13
GAIN SEL
J14
MODE SEL
J7
L2
L6
L4
L5
0.22uF
25V
C17
0.22uF
25V
C18
0.22uF
25V
C19
0.22uF
25V
C20
1uF
35V
C16
1uF
35V
C11
1uF
35V
C15
1uF
35V
C24
1uF
35V
C25
GND
MUTE
15
SDZ/FAULT
4
LINP
5
LINN
6
MOD_SEL
8
GAIN_SEL
7
AGND
10
GVDD
11
RINN
13
RINP
14
PLIMIT
12
AVCC
9
PVCCL
3
PVCCR
16
BSPR
17
OUTPR
18
PGND
19
OUTNR
20
BSNR
21
BSNL
22
OUTNL
23
PGND
24
OUTPL
1
BSPL
2
PAD
25
U1
TPA3139D2RGE
100uF
50V
C2
1000pF
50V
C4
25V
0.1uF
C3
100uF
50V
C8
1000pF
50V
C10
25V
0.1uF
C9
L1
L3
S2
MUTE
100k
R14
PVCC
GND
MUTE
PLIMIT
Q1
GND
PVCC
200k
R15
10.0
R1
68.0
R2
10.0
R3
10.0
R7
10.0
R10
68.0
R4
68.0
R8
68.0
R11
Figure 8-1. Stereo Class-D Amplifier in BTL Configuration with Single-Ended Inputs, Spread Spectrum
Modulation and BD Mode
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com