Electronic Components Datasheet Search
  English  ▼

X  

TPA3136D2 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPA3136D2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPA3136D2 Datasheet HTML 15Page - Texas Instruments TPA3136D2 Datasheet HTML 16Page - Texas Instruments TPA3136D2 Datasheet HTML 17Page - Texas Instruments TPA3136D2 Datasheet HTML 18Page - Texas Instruments TPA3136D2 Datasheet HTML 19Page - Texas Instruments TPA3136D2 Datasheet HTML 20Page - Texas Instruments TPA3136D2 Datasheet HTML 21Page - Texas Instruments TPA3136D2 Datasheet HTML 22Page - Texas Instruments TPA3136D2 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
7.3.11 Under-Voltage Protection (UVP)
When the voltage on PVCCL pin and PVCCR pin falls below the under-voltage threshold, the UVP circuit puts
the device into shutdown mode. When MODE_SEL pin is set to LOW (BD mode), the under-voltage threshold is
7.5 V typical. When MODE_SEL pin is set to HIGH or floating, the TPA3139D2 operates in 1SPW mode, and the
under-voltage threshold is 3.4 V typical.
The device recovers automatically once the under-voltage condition has been removed.
www.ti.com
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com