Electronic Components Datasheet Search
  English  ▼

X  

TPD2E009 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPD2E009
Description  TPD2E009 2-Channel ESD Solution for High-Speed (6-Gbps) Differential Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD2E009 Datasheet(HTML) 3 Page - Texas Instruments

  TPD2E009 Datasheet HTML 1Page - Texas Instruments TPD2E009 Datasheet HTML 2Page - Texas Instruments TPD2E009 Datasheet HTML 3Page - Texas Instruments TPD2E009 Datasheet HTML 4Page - Texas Instruments TPD2E009 Datasheet HTML 5Page - Texas Instruments TPD2E009 Datasheet HTML 6Page - Texas Instruments TPD2E009 Datasheet HTML 7Page - Texas Instruments TPD2E009 Datasheet HTML 8Page - Texas Instruments TPD2E009 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
D+
3
1
2
D–
GND
TPD2E009
www.ti.com
SLVS953B – JUNE 2009 – REVISED AUGUST 2015
5 Pin Configuration and Functions
DBZ, DRT Packages
3-Pin SOT
TOP VIEW
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
D+
1
ESD port
High-speed ESD clamp provides ESD protection to the high-speed differential data lines
D–
2
GND
3
GND
Ground
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Operating temperature
–40
85
°C
I/O voltage tolerance
0
6
V
Peak pulse current (tp = 8/20 μs)
D+, D– pins
5
A
Peak pulse power (tp = 8/20 μs)
45
W
Storage temperature, Tstg
–65
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±15000
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
Electrostatic
V(ESD)
V
discharge
IEC 61000-4-2 contact discharge
D+, D– pins
±8000
IEC 61000-4-2 air-gap discharge
D+, D– pins
±8000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Operating free-air temperature, TA
–40
85
°C
Operating voltage
Pin 1 or 2 to 3 or Pin 3 to 1 or 2
0
5.5
V
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPD2E009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com