Electronic Components Datasheet Search
  English  ▼

X  

TPD2E009 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPD2E009
Description  TPD2E009 2-Channel ESD Solution for High-Speed (6-Gbps) Differential Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD2E009 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPD2E009 Datasheet HTML 5Page - Texas Instruments TPD2E009 Datasheet HTML 6Page - Texas Instruments TPD2E009 Datasheet HTML 7Page - Texas Instruments TPD2E009 Datasheet HTML 8Page - Texas Instruments TPD2E009 Datasheet HTML 9Page - Texas Instruments TPD2E009 Datasheet HTML 10Page - Texas Instruments TPD2E009 Datasheet HTML 11Page - Texas Instruments TPD2E009 Datasheet HTML 12Page - Texas Instruments TPD2E009 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
1.27 mm
BOARD LAYOUT
FOR DRT PACKAGE
1.27 mm
TPD2E009DRTR AT
eSATA PORT
GND
GND VIA
D+
D–
TPD2E009
www.ti.com
SLVS953B – JUNE 2009 – REVISED AUGUST 2015
9 Power Supply Recommendations
The TPD2E009 device is a passive ESD-protection device, and therefore, does not require a power supply. Care
must be taken to avoid violating the maximum-voltage specification to ensure that the device functions properly.
The D+ and D– lines share a TVS diode that can tolerate up to 5.5 V.
10 Layout
10.1 Layout Guidelines
Layout considerations such as package selection, trace routing, and so forth, must be accounted for while
designing the ESD clamp circuit for a high-speed interface. Difficult routing can lead the designer to use vias or
stubs in the board traces, which creates significant disruption in the line impedance in the high-speed signal path.
Poor package choice can force the designer to route differential traces with unequal lengths and add the skew in
the signals. TI recommends coupling the differential traces closely to reduce the EMI interference.
The TPD2E009 can provide system-level ESD protection to the high-speed differential ports (up to 6-Gbps data
rate). The flow-through package offers flexibility for board routing with traces up to 15 mils (0.38 mm) wide.
Figure 14 and Figure 15 show the board layout scheme for the D+ and D– lines of a single differential pair, which
allows the differential signal pairs to couple together right after they touch the ESD ports (pin 1 and pin 2) of the
TPD2E009.
10.2 Layout Examples
Figure 14. TPD2E009DRTR at eSATA Connector Interface
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPD2E009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com