Electronic Components Datasheet Search
  English  ▼

X  

TPD2E009 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPD2E009
Description  TPD2E009 2-Channel ESD Solution for High-Speed (6-Gbps) Differential Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD2E009 Datasheet(HTML) 5 Page - Texas Instruments

  TPD2E009 Datasheet HTML 1Page - Texas Instruments TPD2E009 Datasheet HTML 2Page - Texas Instruments TPD2E009 Datasheet HTML 3Page - Texas Instruments TPD2E009 Datasheet HTML 4Page - Texas Instruments TPD2E009 Datasheet HTML 5Page - Texas Instruments TPD2E009 Datasheet HTML 6Page - Texas Instruments TPD2E009 Datasheet HTML 7Page - Texas Instruments TPD2E009 Datasheet HTML 8Page - Texas Instruments TPD2E009 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Time (nS)
0
25
50
75
100
125
150
175
200
-20
-10
0
10
20
30
40
50
60
70
80
90
100
Time (nS)
0
25
50
75
100
125
150
175
200
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
11
0
5
10
15
20
25
30
35
40
Time (µs)
0
5
10
15
20
25
30
35
40
45
50
0
0
0.5
5
1
10
1.5
15
2
20
2.5
25
3
30
3.5
35
4
40
4.5
45
5
50
5.5
55
6
60
Current (A)
Power (W)
Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
500x10-15
600x10-15
700x10-15
800x10-15
900x10-15
1x10-12
1.1x10-12
1.2x10-12
DBZ
DRT
Temperature (°C)
-40
-20
0
20
40
60
80
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
D001
D+
D-
TPD2E009
www.ti.com
SLVS953B – JUNE 2009 – REVISED AUGUST 2015
6.6 Typical Characteristics
Figure 1. I/O Capacitance vs I/O Voltage (TA= 25°C)
Figure 2. Leakage Current vs Temperature (VIO = 2.5 V)
Figure 4. D+, D– Transmission Line Pulser Plot
Figure 3. Peak Pulse Waveforms,
(100-ns Pulse, 10-ns Rise Time)
(Measured at One I/O, With the Other I/O Open)
Figure 5. IEC Clamping Waveforms (8-kV Contact)
Figure 6. IEC Clamping Waveforms (–8-kV Contact)
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD2E009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com